Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKY77458 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY77458
Description  Front-End Module for LTE / EUTRAN Band VIII (Tx 880-915 MHz), (Rx 925-960 MHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77458 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY77458 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77458 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201026A • Skyworks Proprietary and Confidential Information. • Products and product information are subject to change without notice. • February 10, 2009
1
PRODUCT SUMMARY
SKY77458 Front-End Module for LTE / EUTRAN Band VIII
(Tx 880-915 MHz), (Rx 925-960 MHz)
Applications
• Long-Term Evolution (LTE)
• Evolved Universal Terrestrial Radio
Access Network (EUTRAN)
• Handsets and Data Cards
Features
• QPSK, 16QAM, 64QAM modulations
• Up to 20 MHz bandwidths
• Up to 100 resource blocks
• Linear power at 3.3 V
- LTE: 25 dBm
- WCDMA: 26 dBm
• Duplexer Tx-Rx attenuation and
isolation: 50 dB
• Integrated Power Detector,
interstage filter and duplexer
• Low voltage positive bias supply:
3.0 V to 4.6 V
• Supports low collector voltage
operation down to 1.5 V
• Excellent linearity, efficiency
• Large dynamic range
• Low Profile 16-pad package:
4 mm x 7 mm x 1.1 mm
• Analog bias current control in low
power mode using VBA pad
• InGaP BiFET Technology
• Skyworks Green™ Packaging
Description
The SKY77458 Front-End Module (FEM) is a fully matched, 16-pad surface mount module
developed for LTE/EUTRAN applications. Small and efficient, this LTE FEM integrates the
interstage filter, input and output matching, power amplifier, power detection, and duplexer
into a single 4 mm x 7 mm x 1.1 mm package. The SKY77458 meets the stringent spectral
linearity requirements of LTE with QPSK/16QAM modulations from 1.4 to 20MHz bandwidth
and full or partial resource block allocations with high power added efficiency. The FEM
incorporates Inter-Stage Filter and Duplexer, InGaP BiFET PA, and output power detector.
Integration of the RF front-end greatly simplifies the design of the 4G-compatible handset
radio or data card as all critical matching between the interstage filter, PA, power detection,
and duplexer is optimized within the single module component. By optimizing the efficiency
of the InGaP BiFET PA MMIC, reducing RF loss between the integrated components and
within the Duplexer itself, and improving the match between the PA and the Duplexer, this
FEM achieves low current at maximum output power that significantly reduces the power
dissipated in the LTE-enabled handsets or data cards. Primary bias to the SKY77458 is
supplied via the VCC1 and VCC2 pads directly from a three-cell Ni-Cad, a single-cell Li-Ion,
or other suitable batteries with outputs in the 3.0 to 4.6 volt range, while the bias network is
powered up with the VCCB pad. DC-DC converter operation can be supported with lower
power operation down to 1.5V. Power down is accomplished by setting a logic low level on
the VEN pad. No external supply side switch is needed as typical “off” leakage is 100
microamperes with full primary voltage supplied from the battery. The VMODE pad is used to
switch between high and low power modes to reduce current consumption and gain in the
back – off conditions. VBA is used to further control the current consumption in the low
power mode.
This small package uses Skyworks’ low cost, multi - layer laminate substrate technology and
is approximately half the size of individually packaged component solutions. The SKY77458
front-end module can save handset and data card designers significant board space and
design-cycle time, and significantly simplify supply chain and sourcing of RF components.
Figure 1. Functional Block Diagram


Similar Part No. - SKY77458

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77453 SKYWORKS-SKY77453 Datasheet
67Kb / 2P
Power Amplifier Module for LTE / EUTRAN Bands XII / XVII
SKY77455 SKYWORKS-SKY77455 Datasheet
96Kb / 2P
Front-End Module for LTE / EUTRAN Band I (Tx 1920-1980 MHz), (Rx 2110-2170 MHz)
SKY77456 SKYWORKS-SKY77456 Datasheet
97Kb / 2P
Front-End Module for LTE / EUTRAN Band IV / X (Tx 1710-1770 MHz), (Rx 2110-2170 MHz)
SKY77457 SKYWORKS-SKY77457 Datasheet
97Kb / 2P
Front-End Module for LTE / EUTRAN Band V (Tx 824-849 MHz), (Rx 869-894 MHz)
More results

Similar Description - SKY77458

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77189 SKYWORKS-SKY77189 Datasheet
211Kb / 10P
Power Amplifier Module for WCDMA / HSDPA Band VIII (880-915 MHz)
SKY77195 SKYWORKS-SKY77195 Datasheet
76Kb / 2P
Dual-Band PA Module for WCDMA / HSDPA Band I (1920-1980 MHz) and Band VIII (880-915 MHz)
SKY77445 SKYWORKS-SKY77445 Datasheet
109Kb / 2P
Front-End Module for LTE / EUTRAN Band VII (Tx 2500-2570 MHz), (Rx 2620-2690 MHz)
SKY77455 SKYWORKS-SKY77455 Datasheet
96Kb / 2P
Front-End Module for LTE / EUTRAN Band I (Tx 1920-1980 MHz), (Rx 2110-2170 MHz)
SKY77456 SKYWORKS-SKY77456 Datasheet
97Kb / 2P
Front-End Module for LTE / EUTRAN Band IV / X (Tx 1710-1770 MHz), (Rx 2110-2170 MHz)
SKY77457 SKYWORKS-SKY77457 Datasheet
97Kb / 2P
Front-End Module for LTE / EUTRAN Band V (Tx 824-849 MHz), (Rx 869-894 MHz)
SKY77542 SKYWORKS-SKY77542 Datasheet
82Kb / 2P
Tx - Rx iPAC- FEM for Dual-Band GSM/GPRS (880 - 915 MHz), (1710 - 1785 MHz)
SKY77705 SKYWORKS-SKY77705 Datasheet
75Kb / 2P
Power Amplifier Module for WCDMA / HSDPA / HSUPA / HSPA / LTE - Band VIII (880-915 MHz)
SKY77425 SKYWORKS-SKY77425 Datasheet
320Kb / 9P
Front-End Module for CDMA (Tx 824-849 MHz), (Rx 869-894 MHz)
logo
WALSIN TECHNOLOGY CORPO...
SF11090942B805T WALSIN-SF11090942B805T Datasheet
719Kb / 8P
925~960 MHz Band Working Frequency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com