Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG506ACWI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DG506ACWI
Description  Monolithic CMOS Analog Multiplexers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG506ACWI Datasheet(HTML) 2 Page - Maxim Integrated Products

  DG506ACWI Datasheet HTML 1Page - Maxim Integrated Products DG506ACWI Datasheet HTML 2Page - Maxim Integrated Products DG506ACWI Datasheet HTML 3Page - Maxim Integrated Products DG506ACWI Datasheet HTML 4Page - Maxim Integrated Products DG506ACWI Datasheet HTML 5Page - Maxim Integrated Products DG506ACWI Datasheet HTML 6Page - Maxim Integrated Products DG506ACWI Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Monolithic CMOS Analog Multiplexers
2
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
(Voltages referenced to V-.)
V+ ..........................................................................................44V
GND.......................................................................................25V
Digital Inputs VS, VD (Note 1) .......................-2V to (V+ + 2V) or
20mA, whichever occurs first
Current, Any Terminal Except S or D.................................30mA
Continuous Current, S or D................................................20mA
Peak Current, S or D (pulsed at 1ms, 10% duty cycle max)...40mA
Continuous Power Dissipation (TA = +70°C)*
28-Pin Ceramic DIP (derate 16.7mW/NC above +70NC)..1333mW
28-Pin Plastic DIP (derate 14.3mW/NC above +70NC)...1143mW
28-Pin Wide SO (derate 12.5mW/°C above +70°C) ..1000mW
Operating Temperature Range (A Suffix) ........ -55NC to +125NC
(B Suffix) .......... -25NC to +85NC
(C Suffix) ................0NC to +70N
Storage Temperature (A and B Suffix)............. -65NC to +150NC
(C Suffix) ....................... -65NC to +125NC
Lead Temperature (soldering, 10s) ................................+300NC
ELECTRICAL CHARACTERISTICS
(V+ = 15V, V- = -15V, VGND = 0V, TA = +25NC, unless otherwise indicated.)
ABSOLUTE MAXIMUM RATINGS
*All leads soldered or welded to PCB.
PARAMETER
SYMBOL
CONDITIONS
DG506AA
DG507AA
DG506AB/C
DG507AB/C
UNITS
MIN
(Note 2)
TYP
(Note 3)
MAX
MIN
(Note 2)
TYP
(Note 3)
MAX
SWITCH
Analog Signal
Range
VANALOG
-15
+15
-15
+15
V
Drain-to-
Source
On-Resistance
RDS(ON)
Sequence each
switch on,
VAL = 0.8V,
VAH = 2.4V,
VEN = 2.4V
VD = 10V,
IS = -200FA
270
400
270
450
I
VD = -10V,
IS = -200FA
230
400
230
450
Greatest
Change in
Drain-Source
On-Resistance
Between
Channels
RDS(ON)
DS(ON)MAX
DS(ON)MIN
DS(ON)
DS(ON)AVE
R
R
R
R
−
∆
= 
-10V P VS P +10V
6
6
%
Source Off-
Leakage
Current
IS(OFF)
VEN = 0.8V,
VAL = 0.8V
VS = 10V,
VD = -10V
-1
0.002
+1
-5
0.002
+5
nA
VS = -10V,
VD = 10V
-1
-0.005
+1
-5
-0.005
+5
Drain Off-
Leakage
Current
ID(OFF)
DG506A,
VEN = 0.8V,
VAL = 0.8V
VD = 10V,
VS = -10V
-10
0.02
+10
-20
0.02
+20
nA
VD = -10V,
VS = 10V
-10
-0.03
+10
-20
-0.03
+20
DG507A,
VEN = 0.8V,
VAL = 0.8V
VD = 10V,
VS = -10V
-5
0.007
+5
-10
0.007
+10
VD = -10V,
VS = 10V
-5
-0.015
+5
-10
-0.015
+10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com