Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1640C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1640C/D
Description  Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1640C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1640C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1640C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1640C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1640C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1640C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1640C/D Datasheet HTML 9Page - Maxim Integrated Products MAX1640C/D Datasheet HTML 10Page - Maxim Integrated Products MAX1640C/D Datasheet HTML 11Page - Maxim Integrated Products MAX1640C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
The voltage at SET is given by:
R1 = R2 (VREF / VSET -1 ); 10k
Ω < R2 < 300kΩ
where VREF = 2V and VSET is proportional to the
desired output current level.
The MAX1640/MAX1641 are specified for VSET
between 0V and VREF. For VSET > VREF, output current
increases linearly (with reduced accuracy) until it
clamps at VSET
≈ 4V.
Pulse-Trickle Mode: Selecting the
Pulse-Trickle Current
Pulling D0 low and D1 high selects pulse-trickle mode.
This current equals VSET / (13.3RSENSE) and remains
on for 12.5% of the period set by RTOFF. Pulse-trickle
current maintains full charge across the battery and
can slowly charge a cold battery before fast charging
commences.
Off Mode: Turning Off the Output Current
Pulling D0 and D1 low turns off the P-channel FET and
hence the output current flow. This mode also controls
end of charge and protects the battery against exces-
sive temperatures.
Setting the Maximum Output
Voltage Level
The maximum output voltage should be programmed to
a level higher than the output/battery voltage (ILOAD x
RLOAD). An external resistor-divider between the output
and ground (Figure 3) sets the voltage at TERM. Once
the voltage at TERM exceeds the reference, the internal
comparator turns off the P-channel FET, terminating
current flow. Select R4 in the 10k
Ω to 500kΩ range.
R3 is given by:
R3 = R4 ((VOUT / VTERM) -1)
PERIOD = 3.2 x 10
x R
(sec)
-7
TOFF
Adjustable-Output, Switch-Mode
Current Source with Synchronous Rectifier
8
_______________________________________________________________________________________
D1
DO
MODE
OUTPUT CURRENT (A)
0
0
OFF
0
0
1
Top-Off
VSET / (13.3RSENSE)
1
0
Pulse-Trickle
VSET / (13.3RSENSE)
12.5% duty cycle
1
1
Fast Charge
VREF / (13.3RSENSE)
Table 1. Selecting Output Current Levels
MAX1640
MAX1641
REF
SET
R1
R2
Figure 2. Adjusting the Output Current Level
MAX1640
CS+
TERM
CS-
R3
RSENSE
BATT
L
R4
Figure 3a. Setting the Maximum Output Voltage Level
MAX1641
CS+
TERM
CS-
R3
BATT
R4
RSENSE
L
Figure 3b. Setting the Maximum Output Voltage Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com