Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1641C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1641C/D
Description  Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1641C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1641C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1641C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1641C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1641C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1641C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1641C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1641C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1641C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1641C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Adjustable-Output, Switch-Mode
Current Source with Synchronous Rectifier
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = +12V, VOUT = 6V, Circuit of Figure 1, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ...............................................................-0.3V to +28V
LDOH to IN ...............................................................+0.3V to -6V
LDOL to GND ...........................................................-0.3V to +6V
PDRV to GND .............................. (VLDOH - 0.3V) to (VIN + 0.3V)
NDRV to GND .........................................-0.3V to (VLDOL + 0.3V)
TOFF, REF, SET, TERM, CC to GND ......-0.3V to (VLDOL + 0.3V)
D0, D1 to GND .........................................................-0.3V to +6V
CS+, CS- to GND ...................................................-0.3V to +28V
PGND to GND.....................................................................±0.3V
Continuous Power Dissipation (TA = +70°C)
QSOP (derate 9.6mW/°C above +70°C) ..................... 772mW
Package Junction-to-Ambient Thermal Resistance (
θJA)
(Note 1) ..................................................................103.7°C/W
Package Junction-to-Case Thermal Resistance
θJC)
(Note1) ....................................................................... 37°C/W
Operating Temperature Range
MAX164_EEE ...................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) ............................ +300°C
IREF = 0 to 50µA
D0 = D1 = low
D0 = D1 = low (off mode)
D0 or D1 = high
VOUT = 2V to 24V
VIN = VOUT + 0.5V to 26V
MAX1641
MAX1641
MAX1640
VIN = 5.5V to 26V, ILOAD = 0 to 20mA
VIN = 5.5V to 26V, ILOAD = 0 to 20mA
MAX1640
CONDITIONS
µA
1
VSET Input Current
mV
410
Reference Load Regulation
V
1.96
2.00
2.04
VREF
Reference Voltage
V
4.05
4.20
4.35
VLDOL Undervoltage Lockout
µA
1
Output Current in Off Mode
500
mA
24
Quiescent VIN Supply Current
0.1
%/V
0.1
0.4
Output Current Compliance
%/V
0.03
Current-Sense Line Regulation
34
37.5
41
mV
36
42
48
147
150
153
mV
142
150
158
Full-Scale Current-Sense
Threshold
V
VIN -VIN -VIN -
5.5
5.0
4.5
VLDOH
Linear-Regulator Output
Voltage, VIN Referenced
V
4.5
5.0
5.5
VLDOL
Linear-Regulator Output
Voltage, Ground Referenced
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
V
5.5
26
VIN
Input Voltage Range
FET Drive Output Resistance
PFET and NFET drive
12
Ω
Off-Time Range
110
µs
Off-Time Accuracy
RTOFF = 62k
Ω
1.7
2.2
2.7
µs
Pulse-Trickle Mode Duty-Cycle
Period
D0 = low, D1 = high, RTOFF = 100k
Ω
27
33
40
ms
Pulse-Trickle Mode Duty Cycle
(Note 2)
D0 = low, D1 = high, RTOFF = 100k
Ω
12.5
%
Quarter-Scale Current-Sense
Threshold
MAX1640
MAX1641
µA
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal comsiderations, refer to www.maxim-ic.com/thermal-tutorial.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com