Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5174 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5174
Description  Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5174 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5174 Datasheet HTML 9Page - Analog Devices AD5174 Datasheet HTML 10Page - Analog Devices AD5174 Datasheet HTML 11Page - Analog Devices AD5174 Datasheet HTML 12Page - Analog Devices AD5174 Datasheet HTML 13Page - Analog Devices AD5174 Datasheet HTML 14Page - Analog Devices AD5174 Datasheet HTML 15Page - Analog Devices AD5174 Datasheet HTML 16Page - Analog Devices AD5174 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD5174
Rev. 0 | Page 13 of 20
RDAC AND 50-TP READ OPERATION
A serial data output SDO pin is available for readback of
the internal RDAC register or 50-TP memory contents. The
contents of the RDAC register can be read back through
SDO by using Command 2 (see Table 6). Data from the
RDAC register is clocked out of the SDO pin during the last
10 clocks of the next SPI operation.
It is possible to read back the contents of any of the 50-TP
memory registers through SDO by using Command 5. The
lower six LSB bits, D5 to D0 of the data byte, select which
memory location is to be read back, as shown in Table 10.
Data from the selected memory location is clocked out of the
SDO pin during the next SPI operation. A binary encoded version
address of the most recently programmed wiper memory location
can be read back using Command 6 (see Table 6). This can be used
to monitor the spare memory status of the 50-TP memory block.
Table 7 provides a sample listing for the sequence of serial data
input (DIN) words with the serial data output appearing at the
SDO pin in hexadecimal format for a write and read to both the
RDAC register and the 50-TP memory (Memory Location 20).
Table 6. Command Operation Truth Table
Command
Number
Command[DB13:DB10]
Data[DB9:DB0]1
Operation
C3
C2
C1
C0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
X
X
X
X
X
X
X
X
X
X
NOP: do nothing.
1
0
0
0
1
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Write contents of serial register
data to RDAC.
2
0
0
1
0
X
X
X
X
X
X
X
X
X
X
Read contents of RDAC wiper
register.
3
0
0
1
1
X
X
X
X
X
X
X
X
X
X
Store wiper setting: store RDAC
setting to 50-TP.
4
0
1
0
0
X
X
X
X
X
X
X
X
X
X
Software reset: refresh RDAC with
last 50-TP memory stored value.
52
0
1
0
1
X
X
X
X
D5
D4
D3
D2
D1
D0
Read contents of 50-TP from SDO
output in the next frame.
6
0
1
1
0
X
X
X
X
X
X
X
X
X
X
Read address of last 50-TP
programmed memory location.
73
0
1
1
1
X
X
X
X
X
X
X
X
D1
D0
Write contents of serial register
data to control register.
8
1
0
0
0
X
X
X
X
X
X
X
X
X
X
Read contents of control register.
9
1
0
0
1
X
X
X
X
X
X
X
X
X
D0
Software shutdown.
D0 = 0; normal mode.
D0 = 1; device placed in shutdown
mode.
1 X is don’t care.
2 See Table 10 for 50-TP memory map.
3 See Table 9 for bit details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com