Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCLT3-8BT8 Datasheet(PDF) 21 Page - STMicroelectronics

Part # SCLT3-8BT8
Description  Protected digital input termination with serialized state transfer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCLT3-8BT8 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SCLT3-8BT8 Datasheet HTML 17Page - STMicroelectronics SCLT3-8BT8 Datasheet HTML 18Page - STMicroelectronics SCLT3-8BT8 Datasheet HTML 19Page - STMicroelectronics SCLT3-8BT8 Datasheet HTML 20Page - STMicroelectronics SCLT3-8BT8 Datasheet HTML 21Page - STMicroelectronics SCLT3-8BT8 Datasheet HTML 22Page - STMicroelectronics SCLT3-8BT8 Datasheet HTML 23Page - STMicroelectronics SCLT3-8BT8 Datasheet HTML 24Page - STMicroelectronics SCLT3-8BT8 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
SCLT3-8BT8
Functional description
Doc ID 15191 Rev 3
21/33
Table 10.
SPI serial bus link electrical characteristics(1)
Symbol
Pin
Name
Conditions
Min.
Typ.
Max.
Unit
tLD
SCK
Enable lead time
/CS falling to SCK rising
-
-
50
ns
tHC
SCK
Clock hold time
SCK falling to /CS rising
-
-
250
ns
tDT
/CS
Transfer delay time
/CS rising to /CS falling
-
500
-
ns
CIN
SCK,
/CS,
MOSI
Input capacitance
-
10
-
pF
tRC
Input filter time constant
Referred to VDD
-4-
ns
IIN
Input pull up current
LVI = 0 V
15
22
30
µA
tS
MOSI
Data setup time
MOSI toggling to SCK
rising
--
25
ns
tH
MOSI
Data hold time
SCK rising to MOSI
toggling
--
25
ns
LVIH
MOSI
SCK,
/CS
Logic input high voltage
Share of VDD
--
70
%
LVIL
Logic input low voltage
Share of VDD
30
-
-
%
LVOH
/MISO
MISO
Logic output high voltage
IOH = 3 mA
4
4.5
-
V
LVOL
Logic output low voltage
IOH = 3 mA
-
0.45
1
V
tD
/MISO
MISO
Write out propagation time
SCK falling to MISO
toggling , CO = 15 pF
-35
50
ns
tRO,
tFO
/MISO
MISO
MISO signal fall/rise time
IMISO = 3 mA
-
20
50
ns
CO = 15 pF
-
20
50
ns
tA
MISO
Output access time
/CS falling to MISO
toggling
-55
80
ns
1.
TJ = 25 °C, VCC = 24 V, VDD = 5 V with respect to COMS ground pin, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com