Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS50U100C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS50U100C
Description  Ultralow forward voltage power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS50U100C Datasheet(HTML) 4 Page - STMicroelectronics

  STPS50U100C Datasheet HTML 1Page - STMicroelectronics STPS50U100C Datasheet HTML 2Page - STMicroelectronics STPS50U100C Datasheet HTML 3Page - STMicroelectronics STPS50U100C Datasheet HTML 4Page - STMicroelectronics STPS50U100C Datasheet HTML 5Page - STMicroelectronics STPS50U100C Datasheet HTML 6Page - STMicroelectronics STPS50U100C Datasheet HTML 7Page - STMicroelectronics STPS50U100C Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Application information
STPS50U100C
4/8
Doc ID 16603 Rev 1
Figure 7.
Forward voltage drop versus forward current (per diode)
2
Application information
It is mandatory to ensure a peak reverse voltage below the VRRM absolute rating. Therefore,
it is recommended to use a RC clamping snubber circuit in parallel with the STPS50U100C
device.
Figure 8.
Application schematic
0
5
10
15
20
25
30
35
40
45
50
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
IFM(A)
VFM(V)
Tj = 25 °C
(Maximum value)
Tj = 125 °C
(Maximum value)
Tj = 125 °C
(Typical value)
STPS50U100C
DC/DC input
DC/DC output
R
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com