Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBCTDF2SS253 Datasheet(PDF) 1 Page - Dubilier

Part # DBCTDF2SS253
Description  D TYPE CONNECTORS - TURNED PIN PCB STRAIGHT PIN
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCTDF2SS253 Datasheet(HTML) 1 Page - Dubilier

  DBCTDF2SS253 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
266
SOCKET
G
10ϒ
B
F
3.2ø
2.5
E
10ϒ
B
D
3.2ø
2.5
PLUG
SHELLDIMENSIONS
A
C
B
"
"
4
6
1
0.6
4.5
10
STRAIGHTpinsfortoPCB
D TYPE CONNECTORS - TURNED PIN
PCB STRAIGHT PIN
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
9, 15, 25, 37 or 50 way
Turned Pin (Machined) Contact
Gold Plated Contacts
Yellow Zinc Metal or Tin Housings available
Current Rating - 5Amps
DBC
Dubilier
Connectors
TD
Series
TD=TurnPinD
M1
ConnectorType
M1=Male(plug)zinc
F1=Female(socket)zinc
M2=Male(plug)Tin
F2=Female(socket)Tin
SS
ContactStyle
SS=SolderStraight
NºofWays
09=9ways
15=15ways
25=25ways
37=37ways
50=50ways
09
3
Mechanical:
Termination:
HandSolder
DipSolderstraight
DipSolder90°C
WireWrap0.6x0.6mm
Polarisation:
bytrapezoidalshell
Coupling:
byfriction,lockingbyspecialaccessories
Withdrawal force:
ca.0.5Npercontact
Material and Finishes:
Shellsteelwithyellowpassivationover
zincplate(standard),
steelnickelplatedandtinned
Insulators:
Twopartmouldings,polyester,
glassfibrere-enforced,
flameretardedaccordingUL94V0
Contacts:
goldplatedovernickel
Insertion Cycles:
500
Electrical:
Creeping Current Stability: KB220accordingtoDIN53480
Working Current:
5Apercontactwith20AWGcable
Working Voltages:
300Vrms
Test Voltage:
1000Vrms
Contact Resistance:
below5x10-3Ω
Insulation Resistance:
over10MΩ
Temperature Range:
-55°Cto125°C
A
B
C
D
E
F
G
9 WAY
30.8
25.0
12.4
22.2
13.0
20.5
11.4
15 WAY
39.2
33.3
12.4
30.5
13.0
28.8
11.4
25 WAY
53.1
47.0
12.4
44.3
13.0
42.5
11.4
37 WAY
69.5
63.5
12.4
60.7
13.0
59.1
11.4
50 WAY
67
61.1
15.4
58.3
13.0
56.3
14.1
SOCKET
G
10ϒ
B
F
3.2ø
2.5
E
10ϒ
B
D
3.2ø
2.5
PLUG
SHELLDIMENSIONS
A
C
B
"
"
4
6
1
0.6
4.5
10
STRAIGHTpinsfortoPCB
Dimension-mm
PANELCUTOUT


Similar Part No. - DBCTDF2SS253

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTDF2SS253 DUBILIER-DBCTDF2SS253 Datasheet
499Kb / 4P
D TYPE CONNECTORS - TURNED PIN SOLDER BUCKET
More results

Similar Description - DBCTDF2SS253

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCFDMSS09E3 DUBILIER-DBCFDMSS09E3 Datasheet
125Kb / 1P
FILTERED D CONNECTORS SOLDER PIN STRAIGHT
DBCHDFSS26S DUBILIER-DBCHDFSS26S Datasheet
205Kb / 1P
D TYPE CONNECTORS LOW COST HIGH DENSITY SOLDER PIN STRAIGHT
DBCIC32TP6 DUBILIER-DBCIC32TP6 Datasheet
121Kb / 1P
IC SOCKETS TURNED - PIN CONTACT
DBCSDMSR109GXX DUBILIER-DBCSDMSR109GXX Datasheet
116Kb / 1P
D TYPE CONNECTORS LOW COST PCB SOLDER PIN RIGHT ANGLE - US SHORT FOOTPRINT
DBCSDMSR209GXX DUBILIER-DBCSDMSR209GXX Datasheet
125Kb / 1P
D TYPE CONNECTORS LOW COST PCB SOLDER PIN RIGHT ANGLE - EUROPEAN FOOTPRINT
DBCSDMSS09S DUBILIER-DBCSDMSS09S Datasheet
165Kb / 1P
D TYPE CONNECTORS LOW COST D CONNECTORS - PCB SOLDER PIN STRAIGHT
DBCTDM1SR093A DUBILIER-DBCTDM1SR093A Datasheet
116Kb / 1P
D TYPE CONNECTORS - TURNED PIN PCB - RIGHT ANGLE PIN
DBCTDM1WW093 DUBILIER-DBCTDM1WW093 Datasheet
114Kb / 1P
D TYPE CONNECTORS - TURNED PIN WIRE WRAP
DBCTDM1SB093 DUBILIER-DBCTDM1SB093 Datasheet
499Kb / 4P
D TYPE CONNECTORS - TURNED PIN SOLDER BUCKET
DBCIC32TP6 DUBILIER-DBCIC32TP6_11 Datasheet
216Kb / 1P
IC SOCKETS TURNED - PIN CONTACT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com