Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2941CDCB Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2941CDCB
Description  Battery Gas Gauge with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2941CDCB Datasheet(HTML) 2 Page - Linear Technology

  LTC2941CDCB Datasheet HTML 1Page - Linear Technology LTC2941CDCB Datasheet HTML 2Page - Linear Technology LTC2941CDCB Datasheet HTML 3Page - Linear Technology LTC2941CDCB Datasheet HTML 4Page - Linear Technology LTC2941CDCB Datasheet HTML 5Page - Linear Technology LTC2941CDCB Datasheet HTML 6Page - Linear Technology LTC2941CDCB Datasheet HTML 7Page - Linear Technology LTC2941CDCB Datasheet HTML 8Page - Linear Technology LTC2941CDCB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC2941
2
2941f
Supply Voltage (SENSE+)............................. –0.3V to 6V
SCL, SDA, AL/CC ......................................... –0.3V to 6V
SENSE– .................................. –0.3V to (VSENSE+ + 0.3V)
Operating Ambient Temperature Range
LTC2941C ................................................ 0°C to 70°C
LTC2941I.............................................. –40°C to 85°C
Storage Temperature Range..................... –65°C to 150°
(Notes 1, 2)
TOP VIEW
SENSE–
AL/CC
SDA
SENSE+
GND
SCL
DCB PACKAGE
6-LEAD (2mm × 3mm) PLASTIC DFN
4
5
7
GND
6
3
2
1
TJMAX = 150°C, θJA = 120°C/W
EXPOSED PAD (PIN 7) IS GND, MUST BE SOLDERED TO PCB OR LEFT FLOATING
ORDER INFORMATION
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Requirements
VSENSE+
Supply Voltage
2.7
5.5
V
ISUPPLY
Supply Current (Note 3)
Device On
l
70
100
μA
Shutdown
l
2.5
μA
Shutdown, VSENSE+ ≤ 4.2V
1
μA
VUVLO
Undervoltage Lockout Threshold
VSENSE+ Falling
l
2.5
2.6
2.7
V
Coulomb Counter
VSENSE
Sense Voltage Differential Input Range
VSENSE+ – VSENSE–
l
±50
mV
Differential Input Resistance, Across
SENSE+ and SENSE– (Note 7)
400
kΩ
qLSB
Charge LSB (Note 4)
Prescaler M = 128 (Default),
RSENSE = 50mΩ
0.085
mAh
TCE
Total Charge Error (Note 5)
10mV ≤ |VSENSE | ≤ 50mV DC
±1
%
10mV ≤ |VSENSE | ≤ 50mV, DC VSENSE+ ≤ 4.2V
l
±1.5
%
1mV ≤ |VSENSE | ≤ 50mV DC (Note 7)
l
±3.5
%
Vbat Alert
Vbat Alert Threshold
VSENSE+ Falling, B[7:6] = 01
l
2.75
2.8
2.85
V
VSENSE+ Falling, B[7:6] = 10
l
2.85
2.9
2.95
V
VSENSE+ Falling, B[7:6] = 11
l
2.95
3
3.05
V
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2941CDCB#TRMPBF
LTC2941CDCB#TRPBF
LFKQ
6-Lead (2mm × 3mm) Plastic DFN
0°C to 70°C
LTC2941IDCB#TRMPBF
LTC2941IDCB#TRPBF
LFKQ
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 85°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com