Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2952IF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2952IF
Description  Pushbutton PowerPathTM Controller with Supervisor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2952IF Datasheet(HTML) 2 Page - Linear Technology

  LTC2952IF Datasheet HTML 1Page - Linear Technology LTC2952IF Datasheet HTML 2Page - Linear Technology LTC2952IF Datasheet HTML 3Page - Linear Technology LTC2952IF Datasheet HTML 4Page - Linear Technology LTC2952IF Datasheet HTML 5Page - Linear Technology LTC2952IF Datasheet HTML 6Page - Linear Technology LTC2952IF Datasheet HTML 7Page - Linear Technology LTC2952IF Datasheet HTML 8Page - Linear Technology LTC2952IF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LTC2952
2
2952fa
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
V1, V2, VS.............................................. –0.3V to 30V
Input Voltages
PB.................................... –6V to MAX (V1, V2, VS) V
ONT, OFFT ............................................... –0.3V to 3V
M1, M2, PFI, VM, WDE, KILL................... –0.3V to 7V
Output Voltages
G1, G2, EN .................... –0.3V to MAX (V1, V2, VS) V
G1STAT, PFO, RST, INT............................ –0.3V to 7V
(Notes 1, 2)
Input Currents
PB.......................................................–1mA to 100μA
Operating Temperature Range
LTC2952C ................................................ 0°C to 70°C
LTC2952I .............................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2952CF#PBF
LTC2952CF#TRPBF
LTC2952CF
20-Lead Plastic TSSOP
0°C to 70°C
LTC2952IF#PBF
LTC2952IF#TRPBF
LTC2952IF
20-Lead Plastic TSSOP
–40°C to 85°C
LTC2952CUF#PBF
LTC2952CUF#TRPBF
2952
20-Lead 4mm × 4mm Plastic QFN
0°C to 70°C
LTC2952IUF#PBF
LTC2952IUF#TRPBF
2952
20-Lead 4mm × 4mm Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
F PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
M2
M1
KILL
VM
PFI
WDE
PB
RST
PFO
ONT
G1STAT
G1
V1
VS
V2
G2
EN
INT
GND
OFFT
TJMAX = 125°C, θJA = 90°C/W
20 19 18 17 16
6
7
8
TOP VIEW
21
UF PACKAGE
20-LEAD (4mm
4mm) PLASTIC QFN
9
10
5
4
3
2
1
11
12
13
14
15
VM
PFI
WDE
PB
RST
V1
VS
V2
G2
EN
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 21), PCB GND CONNECTION OPTIONAL
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com