Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3060EDC Datasheet(PDF) 2 Page - Linear Technology

Part # LT3060EDC
Description  45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3060EDC Datasheet(HTML) 2 Page - Linear Technology

  LT3060EDC Datasheet HTML 1Page - Linear Technology LT3060EDC Datasheet HTML 2Page - Linear Technology LT3060EDC Datasheet HTML 3Page - Linear Technology LT3060EDC Datasheet HTML 4Page - Linear Technology LT3060EDC Datasheet HTML 5Page - Linear Technology LT3060EDC Datasheet HTML 6Page - Linear Technology LT3060EDC Datasheet HTML 7Page - Linear Technology LT3060EDC Datasheet HTML 8Page - Linear Technology LT3060EDC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3060
2
3060f
ABSOLUTE MAXIMUM RATINGS
IN Pin Voltage ........................................................ ±50V
OUT Pin Voltage..................................................... ±50V
Input-to-Output Differential Voltage (Note 2) ......... ±50V
ADJ Pin Voltage ..................................................... ±50V
SHDN Pin Voltage .................................................. ±50V
REF/BYP Pin Voltage....................................... – 0.3V, 1V
(Note 1)
TOP VIEW
REF/BYP
ADJ
OUT
OUT
GND
SHDN
IN
IN
DC PACKAGE
8-LEAD (2mm
2mm) PLASTIC DFN
9
GND
4
1
2
3
6
5
7
8
TJMAX = 125°C, θJA = 48°C/W TO 60°C/W*, θJC = 20°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
SHDN 1
GND 2
GND 3
GND 4
8 REF/BYP
7 ADJ
6 OUT
5 IN
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 57°C/W TO 67°C/W*, θJC = 25°C/W
* SEE APPLICATIONS INFORMATION SECTION
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3060EDC#PBF
LT3060EDC#TRPBF
LDTD
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3060IDC#PBF
LT3060IDC#TRPBF
LDTD
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3060ETS8#PBF
LT3060ETS8#TRPBF
LTDTF
8-Lead Plastic ThinSOT
–40°C to 125°C
LT3060ITS8#PBF
LT3060ITS8#TRPBF
LTDTF
8-Lead Plastic ThinSOT
–40°C to 125°C
LT3060MPTS8#PBF
LT3060MPTS8#TRPBF
LTDTF
8-Lead Plastic ThinSOT
–55°C to 125°C
LT3060HTS8#PBF
LT3060HTS8#TRPBF
LTDTF
8-Lead Plastic ThinSOT
–40°C to 150°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3060EDC
LT3060EDC#TR
LDTD
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3060IDC
LT3060IDC#TR
LDTD
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3060ETS8
LT3060ETS8#TR
LTDTF
8-Lead Plastic ThinSOT
–40°C to 125°C
LT3060ITS8
LT3060ITS8#TR
LTDTF
8-Lead Plastic ThinSOT
–40°C to 125°C
LT3060MPTS8
LT3060MPTS8#TR
LTDTF
8-Lead Plastic ThinSOT
–55°C to 125°C
LT3060HTS8
LT3060HTS8#TR
LTDTF
8-Lead Plastic ThinSOT
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Output Short-Circuit Duration .......................... Indefinite
Operating Junction Temperature (Notes 3, 5, 13)
LT3060E, LT3060I ..............................– 40°C to 125°C
LT3060MPTS8.................................... –55°C to 125°C
LT3060HTS8 ...................................... –40°C to 150°C
Storage Temperature Range...................– 65°C to 150°C
Lead Temperature (TS8 Soldering, 10 sec) ........... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com