Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED4 Datasheet(PDF) 1 Page - Texas Instruments

Part # AM1808AZCED4
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED4 Datasheet(HTML) 1 Page - Texas Instruments

  AM1808AZCED4 Datasheet HTML 1Page - Texas Instruments AM1808AZCED4 Datasheet HTML 2Page - Texas Instruments AM1808AZCED4 Datasheet HTML 3Page - Texas Instruments AM1808AZCED4 Datasheet HTML 4Page - Texas Instruments AM1808AZCED4 Datasheet HTML 5Page - Texas Instruments AM1808AZCED4 Datasheet HTML 6Page - Texas Instruments AM1808AZCED4 Datasheet HTML 7Page - Texas Instruments AM1808AZCED4 Datasheet HTML 8Page - Texas Instruments AM1808AZCED4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 264 page
background image
AM1808
www.ti.com
SPRS653 – FEBRUARY 2010
AM1808 ARM Microprocessor
Check for Samples: AM1808
1
AM1808 ARM Microprocessor
1.1
Features
12
Interfaces
• 375/456-MHz ARM926EJ-S™ RISC MPU
• Two Master/Slave Inter-Integrated Circuit (I2C
• ARM926EJ-S Core
Bus™)
– 32-Bit and 16-Bit (Thumb®) Instructions
• One Host-Port Interface (HPI) With 16-Bit-Wide
– Single Cycle MAC
Muxed Address/Data Bus For High Bandwidth
– ARM® Jazelle® Technology
• Programmable Real-Time Unit Subsystem
– EmbeddedICE-RT™ for Real-Time Debug
(PRUSS)
• ARM9 Memory Architecture
– Two Independent Programmable Realtime
– 16K-Byte Instruction Cache
Unit (PRU) Cores
– 16K-Byte Data Cache
•
32-Bit Load/Store RISC architecture
– 8K-Byte RAM (Vector Table)
•
4K Byte instruction RAM per core
– 64K-Byte ROM
•
512 Bytes data RAM per core
• Enhanced Direct-Memory-Access Controller 3
•
PRU Subsystem (PRUSS) can be disabled
(EDMA3):
via software to save power
– 2 Channel Controllers
•
Register 30 of each PRU is exported from
– 3 Transfer Controllers
the subsystem in addition to the normal
– 64 Independent DMA Channels
R31 output of the PRU cores.
– 16 Quick DMA Channels
– Standard power management mechanism
– Programmable Transfer Burst Size
•
Clock gating
• 128K-Byte On-chip Memory
•
Entire subsystem under a single PSC
clock gating domain
• 1.8V or 3.3V LVCMOS IOs (except for USB and
DDR2 interfaces)
– Dedicated interrupt controller
• Two External Memory Interfaces:
– Dedicated switched central resource
– EMIFA
• USB 1.1 OHCI (Host) With Integrated PHY
(USB1)
•
NOR (8-/16-Bit-Wide Data)
• USB 2.0 OTG Port With Integrated PHY (USB0)
•
NAND (8-/16-Bit-Wide Data)
– USB 2.0 High-/Full-Speed Client
•
16-Bit SDRAM With 128 MB Address
Space
– USB 2.0 High-/Full-/Low-Speed Host
– DDR2/Mobile DDR Memory Controller
– End Point 0 (Control)
•
16-Bit DDR2 SDRAM With 512 MB
– End Points 1,2,3,4 (Control, Bulk, Interrupt or
Address Space or
ISOC) Rx and Tx
•
16-Bit mDDR SDRAM With 256 MB
• One Multichannel Audio Serial Port:
Address Space
– Transmit/Receive Clocks
• Three Configurable 16550 type UART Modules:
– Two Clock Zones and 16 Serial Data Pins
– With Modem Control Signals
– Supports TDM, I2S, and Similar Formats
– 16-byte FIFO
– DIT-Capable
– 16x or 13x Oversampling Option
– FIFO buffers for Transmit and Receive
• LCD Controller
• Two Multichannel Buffered Serial Ports:
• Two Serial Peripheral Interfaces (SPI) Each
– Transmit/Receive Clocks
With Multiple Chip-Selects
– Two Clock Zones and 16 Serial Data Pins
• Two Multimedia Card (MMC)/Secure Digital (SD)
– Supports TDM, I2S, and Similar Formats
Card Interface with Secure Data I/O (SDIO)
– AC97 Audio Codec Interface
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
ARM926EJ-S is a trademark of ARM Limited.
ADVANCE INFORMATION concerns new products in the sampling
Copyright © 2010, Texas Instruments Incorporated
or preproduction phase of development. Characteristic data and other
specifications are subject to change without notice.


Similar Part No. - AM1808AZCED4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM1808AZCED4 TI-AM1808AZCED4 Datasheet
1Mb / 264P
AM1808 ARM Microprocessor
More results

Similar Description - AM1808AZCED4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3517 TI-AM3517 Datasheet
2Mb / 184P
ARM Microprocessor
AM1808_1004 TI-AM1808_1004 Datasheet
1Mb / 264P
AM1808 ARM Microprocessor
AM1808_1008 TI-AM1808_1008 Datasheet
1Mb / 264P
AM1808 ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
ARM Microprocessor
AM1806_101 TI-AM1806_101 Datasheet
1Mb / 243P
ARM Microprocessor
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
AM1806 ARM Microprocessor
APRIL2011
AM1808 TI1-AM1808_11 Datasheet
1Mb / 265P
AM1808 ARM Microprocessor
APRIL2011
AM1808_1112 TI-AM1808_1112 Datasheet
1Mb / 262P
AM1808 ARM Microprocessor
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
ARM Microprocessor
AM1808 TI1-AM1808_16 Datasheet
1Mb / 265P
AM1808 ARM짰 Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com