Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3574IMS Datasheet(PDF) 21 Page - Linear Technology

Part # LT3574IMS
Description  Isolated Flyback Converter Without an Opto-Coupler
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3574IMS Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3574IMS Datasheet HTML 16Page - Linear Technology LT3574IMS Datasheet HTML 17Page - Linear Technology LT3574IMS Datasheet HTML 18Page - Linear Technology LT3574IMS Datasheet HTML 19Page - Linear Technology LT3574IMS Datasheet HTML 20Page - Linear Technology LT3574IMS Datasheet HTML 21Page - Linear Technology LT3574IMS Datasheet HTML 22Page - Linear Technology LT3574IMS Datasheet HTML 23Page - Linear Technology LT3574IMS Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3574

3574f
typical applications
Four Output 12V Isolated Flyback Converter
SHDN/UVLO
TC
SS
SW
VC
GND
BIAS
LT3574
3574 TA07
R6
59k
R5
10k
VIN
12V TO 24V
VIN
2:1:1:1:1
VIN
R1
499k
R2
71.5k
C1
10µF
T1
43.6µH
T1: COILTRONICS VPH1-0076-R
D1-D4: B240A
D5: PMEG6010
R4
6.04k
R3
118k
VOUT1+
12V
40mA
VOUT1–
C5
22µF
10.9µH
D1
C2
10nF
C3
0.1µF
R7
20k
R8
2k
D5
C6
0.22µF
TEST
RILIM
RFB
RREF
•
•
VOUT2+
12V
40mA
VOUT2–
C6
22µF
10.9µH
D2
•
VOUT3+
12V
40mA
VOUT3–
C7
22µF
10.9µH
D3
•
VOUT4+
12V
40mA
VOUT4–
C8
22µF
10.9µH
D4
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com