Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F100C4H7B Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM32F100C4H7B
Description  Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100C4H7B Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32F100C4H7B Datasheet HTML 16Page - STMicroelectronics STM32F100C4H7B Datasheet HTML 17Page - STMicroelectronics STM32F100C4H7B Datasheet HTML 18Page - STMicroelectronics STM32F100C4H7B Datasheet HTML 19Page - STMicroelectronics STM32F100C4H7B Datasheet HTML 20Page - STMicroelectronics STM32F100C4H7B Datasheet HTML 21Page - STMicroelectronics STM32F100C4H7B Datasheet HTML 22Page - STMicroelectronics STM32F100C4H7B Datasheet HTML 23Page - STMicroelectronics STM32F100C4H7B Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
Description
STM32F100x4, STM32F100x6, STM32F100x8, STM32F100xB
20/84
Doc ID 16455 Rev 2
2.16.6
SysTick timer
This timer is dedicated for OS, but could also be used as a standard down counter. It
features:
●
A 24-bit down counter
●
Autoreload capability
●
Maskable system interrupt generation when the counter reaches 0.
●
Programmable clock source
2.17
I²C bus
The I²C bus interface can operate in multimaster and slave modes. It can support standard
and fast modes.
It supports dual slave addressing (7-bit only) and both 7/10-bit addressing in master mode.
A hardware CRC generation/verification is embedded.
The interface can be served by DMA and it supports SM Bus 2.0/PM Bus.
2.18
Universal synchronous/asynchronous receiver transmitter
(USART)
The STM32F100xx value line embeds three universal synchronous/asynchronous receiver
transmitters (USART1, USART2 and USART3).
The available USART interfaces communicate at up to 3 Mbit/s. They provide hardware
management of the CTS and RTS signals, they support IrDA SIR ENDEC, the
multiprocessor communication mode, the single-wire half-duplex communication mode and
have LIN Master/Slave capability.
The USART interfaces can be served by the DMA controller.
2.19
Serial peripheral interface (SPI)
Up to two SPIs are able to communicate up to 12 Mbit/s in slave and master modes in full-
duplex and simplex communication modes. The 3-bit prescaler gives 8 master mode
frequencies and the frame is configurable to 8 bits or 16 bits.
Both SPIs can be served by the DMA controller.
2.20
HDMI (high-definition multimedia interface) consumer
electronics control (CEC)
The STM32F100xx value line embeds a HDMI-CEC controller that provides hardware
support of consumer electronics control (CEC) (Appendix supplement 1 to the HDMI
standard).
This protocol provides high-level control functions between all audiovisual products in an
environment. It is specified to operate at low speeds with minimum processing and memory
overhead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com