Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F100C6H7B Datasheet(PDF) 83 Page - STMicroelectronics

Part # STM32F100C6H7B
Description  Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100C6H7B Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM32F100C6H7B Datasheet HTML 76Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 77Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 78Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 79Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 80Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 81Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 82Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 83Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 84Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 83 / 84 page
background image
STM32F100x4, STM32F100x6, STM32F100x8, STM32F100xB
Revision history
Doc ID 16455 Rev 2
83/84
8
Revision history
Table 53.
Document revision history
Date
Revision
Changes
12-Oct-2009
1
Initial release.
19-Jan-2010
2
TFBGA64 package added (see Table 49 and Table 40).
Note 5 modified in Table 4: STM32F100xx pin definitions.
IINJ(PIN) modified in Table 6: Current characteristics. Conditions
removed from Table 25: Low-power mode wakeup timings.
Notes modified in Table 33: I/O static characteristics.
Figure 26: Recommended NRST pin protection modified.
Note modified in Table 38: I2C characteristics. Figure 27: I2C bus AC
waveforms and measurement circuit(1) modified.
Table 45: DAC characteristics modified. Figure 35: 12-bit buffered
/non-buffered DAC added.
26-Feb-2010
3
TIM2, TIM3, TIM4 and TIM15, TIM16 and TIM17 updated.
HDMI-CEC electrical characteristics added.
Values added to:
– Table 12: Maximum current consumption in Run mode, code with
data processing running from Flash
– Table 13: Maximum current consumption in Run mode, code with
data processing running from RAM
– Table 14: STM32F100xxB maximum current consumption in Sleep
mode, code running from Flash or RAM
– Table 15: Typical and maximum current consumptions in Stop and
Standby modes
– Table 18: Peripheral current consumption
– Table 29: EMS characteristics
– Table 30: EMI characteristics
– Table 46: TS characteristics
Section 5.3.12: I/O port characteristics modified.
Added figures:
– Figure 12: Maximum current consumption in Run mode versus
frequency (at 3.6 V) - code with data processing running from RAM,
peripherals enabled
– Figure 13: Maximum current consumption in Run mode versus
frequency (at 3.6 V) - code with data processing running from RAM,
peripherals disabled
– Figure 14: Typical current consumption in Stop mode with regulator
in Run mode versus temperature at VDD = 3.3 V and 3.6 V
– Figure 15: Typical current consumption in Stop mode with regulator
in Low-power mode versus temperature at VDD = 3.3 V and 3.6 V
– Figure 16: Typical current consumption in Standby mode versus
temperature at VDD = 3.3 V and 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com