Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3599EFE Datasheet(PDF) 2 Page - Linear Technology

Part # LT3599EFE
Description  4-Channel 120mA LED Driver with 짹1.5% Current Matching
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3599EFE Datasheet(HTML) 2 Page - Linear Technology

  LT3599EFE Datasheet HTML 1Page - Linear Technology LT3599EFE Datasheet HTML 2Page - Linear Technology LT3599EFE Datasheet HTML 3Page - Linear Technology LT3599EFE Datasheet HTML 4Page - Linear Technology LT3599EFE Datasheet HTML 5Page - Linear Technology LT3599EFE Datasheet HTML 6Page - Linear Technology LT3599EFE Datasheet HTML 7Page - Linear Technology LT3599EFE Datasheet HTML 8Page - Linear Technology LT3599EFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT3599

3599fd
pin conFiguraTion
absoluTe MaxiMuM raTings
VIN, SHDN/UVLO, OPENLED, SHORTLED ..................30V
SHDN/UVLO Pin Above VIN.........................................3V
SW............................................................................45V
VOUT, VO_SW..............................................................45V
LED1, LED2, LED3, LED4 ..........................................45V
PWM, SYNC, CTRL, FB, TSET, DISABLE4....................6V
VC, SS.........................................................................3V
VREF, RT, ISET..............................................................2V
(Note 1)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3599EFE#PBF
LT3599EFE#TRPBF
LT3599FE
28-Lead Plastic TSSOP
–40°C to 125°C
LT3599IFE#PBF
LT3599IFE#TRPBF
LT3599FE
28-Lead Plastic TSSOP
–40°C to 125°C
LT3599HFE#PBF
LT3599HFE#TRPBF
LT3599FE
28-Lead Plastic TSSOP
–40°C to 150°C
LT3599EUH#PBF
LT3599EUH#TRPBF
3599
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 125°C
LT3599IUH#PBF
LT3599IUH#TRPBF
3599
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Junction Temperature Range (Note 2)
LT3599E/LT3599I.............................. –40°C to 125°C
LT3599H............................................ –40°C to 150°C
Maximum Junction Temperature
LT3599E/LT3599I............................................. 125°C
LT3599H........................................................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, sec) (Note 5) .........300°C
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
FE PACKAGE
28-LEAD PLASTIC TSSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
SW
VOUT
VO_SW
LED1
LED2
LED3
LED4
DISABLE4
SHORTLED
NC
OPENLED
NC
ISET
CTRL
VIN
SHDN/UVLO
NC
GND
VREF
SS
RT
PWM
NC
SYNC
NC
TSET
FB
VC
29
TJMAX = 125°C, θJA = 28°C/W , θJC = 10°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
32
33
31 30 29 28 27 26 25
9 10 11 12
TOP VIEW
UH PACKAGE
32-LEAD (5mm 5mm) PLASTIC QFN
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
VOUT
VO_SW
LED1
LED2
LED3
LED4
DISABLE4
SHORTLED
NC
NC
GND
VREF
SS
RT
PWM
SYNC
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 33) IS GND, MUST BE SOLDERED TO PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com