Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3652EDD Datasheet(PDF) 2 Page - Linear Technology

Part # LT3652EDD
Description  Power Tracking 2A Battery Charger for Solar Power
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3652EDD Datasheet(HTML) 2 Page - Linear Technology

  LT3652EDD Datasheet HTML 1Page - Linear Technology LT3652EDD Datasheet HTML 2Page - Linear Technology LT3652EDD Datasheet HTML 3Page - Linear Technology LT3652EDD Datasheet HTML 4Page - Linear Technology LT3652EDD Datasheet HTML 5Page - Linear Technology LT3652EDD Datasheet HTML 6Page - Linear Technology LT3652EDD Datasheet HTML 7Page - Linear Technology LT3652EDD Datasheet HTML 8Page - Linear Technology LT3652EDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT3652
2
3652fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Voltages:
VIN ........................................................................40V
VIN_REG, SHDN, CHRG, FAULT ............ VIN + 0.5V, 40V
SW........................................................................40V
SW-VIN.................................................................4.5V
BOOST ...................................................SW+10V, 50V
BAT, SENSE ...........................................................15V
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3652EDD#PBF
LT3652EDD#TRPBF
LFHT
12-Lead Plastic DFN 3mm × 3mm
–40°C to 125°C
LT3652IDD#PBF
LT3652IDD#TRPBF
LFHT
12-Lead Plastic DFN 3mm × 3mm
–40°C to 125°C
LT3652EMSE#PBF
LT3652EMSE#TRPBF
3652
12-Lead Plastic MSOP
–40°C to 125°C
LT3652IMSE#PBF
LT3652IMSE#TRPBF
3652
12-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
TOP VIEW
DD PACKAGE
12-LEAD (3mm × 3mm) PLASTIC DFN
12
11
8
9
10
4
5
3
2
1
SW
BOOST
SENSE
BAT
NTC
VFB
VIN
VIN_REG
SHDN
CHRG
FAULT
TIMER
6
7
13
1
2
3
4
5
6
VIN
VIN_REG
SHDN
CHRG
FAULT
TIMER
12
11
10
9
8
7
SW
BOOST
SENSE
BAT
NTC
VFB
TOP VIEW
13
MSE PACKAGE
12-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 43°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
TJMAX = 125°C, θJA = 43°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
BAT-SENSE ......................................... –0.5V to +0.5V
NTC, TIMER, ........................................................2.5V
VFB..........................................................................5V
Operating Junction Temperature Range
(Note 2) ............................................. –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com