Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3686 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3686
Description  37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3686 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3686 Datasheet HTML 17Page - Linear Technology LT3686 Datasheet HTML 18Page - Linear Technology LT3686 Datasheet HTML 19Page - Linear Technology LT3686 Datasheet HTML 20Page - Linear Technology LT3686 Datasheet HTML 21Page - Linear Technology LT3686 Datasheet HTML 22Page - Linear Technology LT3686 Datasheet HTML 23Page - Linear Technology LT3686 Datasheet HTML 24Page - Linear Technology LT3686 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT3686

3686fa
ApplicAtions inForMAtion
supply, the input network should be designed to prevent
this overshoot. Figure 15 shows the waveforms that re-
sult when an LT3686 circuit is connected to a 24V supply
through six feet of 24-gauge twisted pair. The first plot is
the response with a 2.2μF ceramic capacitor at the input.
The input voltage rings as high as 35V and the input cur-
rent peaks at 20A. One method of damping the tank circuit
is to add another capacitor with a series resistor to the
circuit. In Figure 15b an aluminum electrolytic capacitor
has been added. This capacitor’s high equivalent series
resistance damps the circuit and eliminates the voltage
overshoot. The extra capacitor improves low frequency
ripplefilteringandcanslightlyimprovetheefficiencyofthe
circuit, though it is likely to be the largest component in the
circuit.AnalternativesolutionisshowninFigure15c.A1Ω
resistor is added in series with the input to eliminate the
voltage overshoot (it also reduces the peak input current).
A 0.1μF capacitor improves high frequency filtering. This
solution is smaller and less expensive than the electrolytic
capacitor. For high input voltages its impact on efficiency
is minor, reducing efficiency less than one half percent for
a 5V output at full load operating from 24V.
Figure 15. A Well Chosen Input Network Prevents Input Voltage Overshoot and Ensures Reliable Operation
When the LT3686 Is Connected to a Live Supply
+
+
LT3686
2.2µF
VIN
20V/DIV
IIN
5A/DIV
20µs/DIV
VIN
CLOSING SWITCH
SIMULATES HOT PLUG
IIN
(15a)
(15b)
(15c)
LOW
IMPEDANCE
ENERGIZED
24V SUPPLY
STRAY
INDUCTANCE
DUE TO 6 FEET
(2 METERS) OF
TWISTED PAIR
+
+
LT3686
2.2µF
10µF
35V
AI.EI.
LT3686
2.2µF
0.1µF
1
3686 F15
VIN
20V/DIV
IIN
5A/DIV
20µs/DIV
VIN
20V/DIV
IIN
5A/DIV
20µs/DIV
DANGER!
RINGING VIN MAY EXCEED
ABSOLUTE MAXIMUM
RATING OF THE LT3686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com