Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3857 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3857
Description  Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3857 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3857 Datasheet HTML 17Page - Linear Technology LTC3857 Datasheet HTML 18Page - Linear Technology LTC3857 Datasheet HTML 19Page - Linear Technology LTC3857 Datasheet HTML 20Page - Linear Technology LTC3857 Datasheet HTML 21Page - Linear Technology LTC3857 Datasheet HTML 22Page - Linear Technology LTC3857 Datasheet HTML 23Page - Linear Technology LTC3857 Datasheet HTML 24Page - Linear Technology LTC3857 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LTC3857

3857fa
applicaTions inForMaTion
INTVCC Regulators
TheLTC3857featurestwoseparateinternalP-channellow
dropoutlinearregulators(LDO)thatsupplypoweratthe
INTVCCpinfromeithertheVINsupplypinortheEXTVCC
pin depending on the connection of the EXTVCC pin.
INTVCCpowersthegatedriversandmuchoftheLTC3857’s
internalcircuitry.TheVINLDOandtheEXTVCCLDOregulate
INTVCCto5.1V.Eachofthesecansupplyapeakcurrentof
50mAandmustbebypassedtogroundwithaminimum
of4.7µFceramiccapacitor.Nomatterwhattypeofbulk
capacitor is used, an additional 1µF ceramic capacitor
placeddirectlyadjacenttotheINTVCCandPGNDpinsis
highlyrecommended.Goodbypassingisneededtosupply
thehightransientcurrentsrequiredbytheMOSFETgate
driversandtopreventinteractionbetweenthechannels.
HighinputvoltageapplicationsinwhichlargeMOSFETs
are being driven at high frequencies may cause the
maximumjunctiontemperatureratingfortheLTC3857
tobeexceeded.TheINTVCCcurrent,whichisdominated
bythegatechargecurrent,maybesuppliedbyeitherthe
VINLDOortheEXTVCCLDO.Whenthevoltageonthe
EXTVCCpinislessthan4.7V,theVINLDOisenabled.Power
dissipationfortheICinthiscaseishighestandisequal
toVIN•IINTVCC.Thegatechargecurrentisdependent
on operating frequency as discussed in the Efficiency
Considerations section. The junction temperature can
beestimatedbyusingtheequationsgiveninNote3of
theElectricalCharacteristics.Forexample,theLTC3857
INTVCCcurrentislimitedtolessthan32mAfroma40V
supplywhennotusingtheEXTVCCsupplyat70°Cambi-
enttemperature:
TJ=70°C+(32mA)(40V)(43°C/W)=125°C
Topreventthemaximumjunctiontemperaturefrombe-
ingexceeded,theinputsupplycurrentmustbechecked
whileoperatinginforcedcontinuousmode(PLLIN/MODE
=INTVCC)atmaximumVIN.
WhenthevoltageappliedtoEXTVCCrisesabove4.7V,the
VINLDOisturnedoffandtheEXTVCCLDOisenabled.The
EXTVCCLDOremainsonaslongasthevoltageappliedto
EXTVCCremainsabove4.5V.TheEXTVCCLDOattempts
toregulatetheINTVCCvoltageto5.1V,sowhileEXTVCC
islessthan5.1V,theLDOisindropoutandtheINTVCC
voltageisapproximatelyequaltoEXTVCC.WhenEXTVCC
isgreaterthan5.1V,uptoanabsolutemaximumof14V,
INTVCCisregulatedto5.1V.
UsingtheEXTVCCLDOallowstheMOSFETdriverandcon-
trolpowertobederivedfromoneoftheLTC3857’sswitch-
ingregulatoroutputs(4.7V≤VOUT≤14V)duringnormal
operationandfromtheVINLDOwhentheoutputisoutof
regulation(e.g.,start-up,short-circuit).Ifmorecurrent
isrequiredthroughtheEXTVCCLDOthanisspecified,an
externalSchottkydiodecanbeaddedbetweentheEXTVCC
andINTVCCpins.Inthiscase,donotapplymorethan6V
totheEXTVCCpinandmakesurethatEXTVCC≤VIN.
Significantefficiencyandthermalgainscanberealized
bypoweringINTVCCfromtheoutput,sincetheVINcur-
rentresultingfromthedriverandcontrolcurrentswillbe
scaledbyafactorof(DutyCycle)/(SwitcherEfficiency).
For5Vto14Vregulatoroutputs,thismeansconnecting
theEXTVCCpindirectlytoVOUT.TyingtheEXTVCCpinto
an8.5Vsupplyreducesthejunctiontemperatureinthe
previousexamplefrom125°Cto:
TJ=70°C+(32mA)(8.5V)(43°C/W)=82°C
However,for3.3Vandotherlowvoltageoutputs,addi-
tionalcircuitryisrequiredtoderiveINTVCCpowerfrom
theoutput.
Thefollowinglistsummarizesthefourpossibleconnec-
tionsforEXTVCC:
1.EXTVCCLeftOpen(orGrounded).ThiswillcauseINTVCC
tobepoweredfromtheinternal5.1Vregulatorresult-
inginanefficiencypenaltyofupto10%athighinput
voltages.
2.EXTVCCConnectedDirectlytoVOUT.Thisisthenormal
connectionfora5Vto14Vregulatorandprovidesthe
highestefficiency.
3.EXTVCCConnectedtoanExternalSupply.Ifanexternal
supplyisavailableinthe5Vto14Vrange,itmaybe
usedtopowerEXTVCCprovidingitiscompatiblewiththe
MOSFETgatedriverequirements.EnsurethatEXTVCC
<VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com