Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3890 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3890
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3890 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3890 Datasheet HTML 17Page - Linear Technology LTC3890 Datasheet HTML 18Page - Linear Technology LTC3890 Datasheet HTML 19Page - Linear Technology LTC3890 Datasheet HTML 20Page - Linear Technology LTC3890 Datasheet HTML 21Page - Linear Technology LTC3890 Datasheet HTML 22Page - Linear Technology LTC3890 Datasheet HTML 23Page - Linear Technology LTC3890 Datasheet HTML 24Page - Linear Technology LTC3890 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LTC3890
21
3890f
APPLICATIONS INFORMATION
INTVCC to 5.1V. Each of these can supply a peak current of
50mA and must be bypassed to ground with a minimum
of 4.7μF ceramic capacitor. No matter what type of bulk
capacitor is used, an additional 1μF ceramic capacitor
placed directly adjacent to the INTVCC and PGND pins is
highly recommended. Good bypassing is needed to supply
the high transient currents required by the MOSFET gate
drivers and to prevent interaction between the channels.
High input voltage applications in which large MOSFETs
are being driven at high frequencies may cause the
maximum junction temperature rating for the LTC3890
to be exceeded. The INTVCC current, which is dominated
by the gate charge current, may be supplied by either the
VIN LDO or the EXTVCC LDO. When the voltage on the
EXTVCC pin is less than 4.7V, the VIN LDO is enabled. Power
dissipation for the IC in this case is highest and is equal
to VIN • IINTVCC. The gate charge current is dependent
on operating frequency as discussed in the Efficiency
Considerations section. The junction temperature can
be estimated by using the equations given in Note 3 of
the Electrical Characteristics. For example, the LTC3890
INTVCC current is limited to less than 32mA from a 40V
supply when not using the EXTVCC supply at a 70°C ambi-
ent temperature:
TJ = 70°C + (32mA)(40V)(43°C/W) = 125°C
To prevent the maximum junction temperature from be-
ing exceeded, the input supply current must be checked
while operating in forced continuous mode (PLLIN/MODE
= INTVCC) at maximum VIN.
When the voltage applied to EXTVCC rises above 4.7V, the
VIN LDO is turned off and the EXTVCC LDO is enabled. The
EXTVCC LDO remains on as long as the voltage applied to
EXTVCC remains above 4.5V. The EXTVCC LDO attempts
to regulate the INTVCC voltage to 5.1V, so while EXTVCC
is less than 5.1V, the LDO is in dropout and the INTVCC
voltage is approximately equal to EXTVCC. When EXTVCC
is greater than 5.1V, up to an absolute maximum of 14V,
INTVCC is regulated to 5.1V.
Using the EXTVCC LDO allows the MOSFET driver and con-
trol power to be derived from one of the LTC3890’s switch-
ing regulator outputs (4.7V ≤ VOUT ≤ 14V) during normal
operation and from the VIN LDO when the output is out of
regulation (e.g., start-up, short-circuit). If more current
is required through the EXTVCC LDO than is specified, an
external Schottky diode can be added between the EXTVCC
and INTVCC pins. In this case, do not apply more than 6V
to the EXTVCC pin and make sure that EXTVCC ≤ VIN.
Significant efficiency and thermal gains can be realized
by powering INTVCC from the output, since the VIN cur-
rent resulting from the driver and control currents will be
scaled by a factor of (Duty Cycle)/(Switcher Efficiency).
For 5V to 14V regulator outputs, this means connecting
the EXTVCC pin directly to VOUT. Tying the EXTVCC pin to
an 8.5V supply reduces the junction temperature in the
previous example from 125°C to:
TJ = 70°C + (32mA)(8.5V)(43°C/W) = 82°C
However, for 3.3V and other low voltage outputs, addi-
tional circuitry is required to derive INTVCC power from
the output.
The following list summarizes the four possible connec-
tions for EXTVCC:
1. EXTVCC Left Open (or Grounded). This will cause INTVCC
to be powered from the internal 5.1V regulator result-
ing in an efficiency penalty of up to 10% at high input
voltages.
2. EXTVCC Connected Directly to VOUT. This is the normal
connection for a 5V to 14V regulator and provides the
highest efficiency.
3. EXTVCC Connected to an External Supply. If an external
supply is available in the 5V to 14V range, it may be
used to power EXTVCCprovidingitiscompatiblewiththe
MOSFET gate drive requirements. Ensure that EXTVCC
< VIN.
4. EXTVCCConnectedtoanOutput-DerivedBoostNetwork.
For 3.3V and other low voltage regulators, efficiency
gains can still be realized by connecting EXTVCC to an
output-derived voltage that has been boosted to greater
than 4.7V. This can be done with the capacitive charge
pump shown in Figure 9. Ensure that EXTVCC < VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com