Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4070 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4070
Description  Li-Ion/Polymer Shunt Battery Charger System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4070 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4070 Datasheet HTML 8Page - Linear Technology LTC4070 Datasheet HTML 9Page - Linear Technology LTC4070 Datasheet HTML 10Page - Linear Technology LTC4070 Datasheet HTML 11Page - Linear Technology LTC4070 Datasheet HTML 12Page - Linear Technology LTC4070 Datasheet HTML 13Page - Linear Technology LTC4070 Datasheet HTML 14Page - Linear Technology LTC4070 Datasheet HTML 15Page - Linear Technology LTC4070 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC4070
13
4070f
4070 F07
LTC4070
ADJ
HBO
LBO
D1
LTST
C190CKT
OPTIONAL
D3
BAS416
VIN = 8V TO 15V
D2
LTST
C190GKT
RNTC: NTHS0402E3103LT 10k
GND
FLOAT
T
RNOM
10k
Li-Ion
NTCBIAS
NTC
VCC
VBAT = 4.1V
RLED1
1k
RLED2
1k
RIN
205Ω
1W
+
TYPICAL APPLICATIONS
The LTC4070 status pins have sufficient drive strength to
use with an LED, for a visual indication of charging status.
Consider the application in Figure 7, where red LED D1 is
connected to the LBO pin and turns off when the battery
voltage is below VLBTH. Note that LED D1 discharges the
battery until VCC falls below VLBTH. Green LED D2, con-
nected to the HBO pin turns on while the battery is charging.
When the battery voltage rises to within VHBTH of the float
voltage including NTC qualification, VFLOAT_EFF,D2turnsoff
to indicate that the battery is no longer charging. Optionally,
a low leakage diode D3 is placed between the cathode of
D2 and the battery. This diode stops D2 from discharging
the battery when the input supply is not present.
In this application, RIN = 205Ω, is sized for a maximum
shunt current of 50mA that occurs at the maximum input
voltage of 15V and the minimum NTC qualified float voltage
Figure 7. Single Cell Charger with LED Status and
NTC Qualified Float Voltage
of 3.8V, assuming the voltage drop on diode D3 is 1.1V.
Without the optional D3, RIN increases to 226Ω.
Figure 8 illustrates an application to replace three NiMH cells
with a single Li-Ion cell. This simple application replaces
the NiMH charging solution without the need for a charge
termination or cell balancing scheme. NiMH charging can
be done without termination, but that algorithm limits the
charge rate to C/10. The LTC4070 application allows the
Li-Ion battery to be charged faster without concern of
over-charging.
Figure 9, 12V Wall Adapter Charging with 205mA, il-
lustrates the use of an external PFET transistor to boost
the maximum shunt current. If the battery voltage is
3.6V the battery receives the full charge current of
about 205mA. If the battery temperature is below 40°C,
the float voltage rises to 4.1V (ADJ = floating) then Q1
and the LTC4070 shunts 192mA away from the battery.
If the battery temperature rises, the shunt current increases
to regulate the float voltage 75mV lower per 10°C rise in
battery temperature, as described in Table 1. At a maximum
shunt current of 200mA the minimum float voltage is held
at 3.8V when the battery temperature is above 70°C.
This example illustrates an alternative use of a LED, D1, to
observe the HBO status pin. This LED turns on to provide
a visual indication that the battery is fully charged, and
shunts about 1.5mA when the battery rises to within 40mV
of the desired float voltage. LED D1 discharges the battery,
when no supply is present, until VCC falls by more than
VHBTH + VHBHY below the float voltage. When using an
LED with the HBO pin in this configuration, it is important
to limit the LED current with a resistor, RLED as shown.
Otherwise the step in current through RIN that occurs when
the LED turns on may pull VCC below the HBO hysteresis.
To prevent that situation, the ratio of RIN to RLED should
be selected to meet the following relation:
RIN
RLED
VCC − VLED
(
)<VHBHY −50mV
where VLED is the forward voltage drop of the LED and a
margin of 50mV is subtracted from the HBO hysteresis.
A VLED value of 1.1V is assumed for this example. Refer
to the LED data sheet for the forward voltage drop at the
applied current level.
Figure 8. Replace Three NiMH with Lithium
4070 TA01a
LTC4070
ADJ
FLOAT
LBO
HBO
GND
T
RNOM
10k
Li-Ion
NTCBIAS
DRV
NTC
VCC
IIN = 500mA
+
RNTC = NTHS0402E3103LT 10k
VBAT = 4.1V
Q1
DMP3015LSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com