Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4010CFETR Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4010CFETR
Description  High Efficiency Standalone Nickel Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4010CFETR Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4010CFETR Datasheet HTML 16Page - Linear Technology LTC4010CFETR Datasheet HTML 17Page - Linear Technology LTC4010CFETR Datasheet HTML 18Page - Linear Technology LTC4010CFETR Datasheet HTML 19Page - Linear Technology LTC4010CFETR Datasheet HTML 20Page - Linear Technology LTC4010CFETR Datasheet HTML 21Page - Linear Technology LTC4010CFETR Datasheet HTML 22Page - Linear Technology LTC4010CFETR Datasheet HTML 23Page - Linear Technology LTC4010CFETR Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC4010

4010fb
1. Input capacitors should be placed as close as possible
to switching FET supply and ground connections with
the shortest copper traces possible. The switching
FETs must be on the same layer of copper as the input
capacitors. Vias should not be used to make these
connections.
2. Place the LTC4010 close to the switching FET gate
terminals, keeping the connecting traces short to
produce clean drive signals. This rule also applies to IC
supply and ground pins that connect to the switching
FET source pins. The IC can be placed on the opposite
side of the PCB from the switching FETs.
3. Place the inductor input as close as possible to the
drain of the switching FETs. Minimize the surface area
of the switch node. Make the trace width the minimum
needed to support the programmed charge current.
Use no copper fills or pours. Avoid running the con-
nection on multiple copper layers in parallel. Minimize
capacitance from the switch node to any other trace
or plane.
4. Place the charge current sense resistor immediately
adjacent to the inductor output, and orient it such
that current sense traces to the LTC4010 are not long.
These feedback traces need to be run together as a
single pair with the smallest spacing possible on any
given layer on which they are routed. Locate any filter
component on these traces next to the LTC4010, and
not at the sense resistor location.
5. Place output capacitors next to the sense resisitor
output and ground.
applicaTions inForMaTion
6. Output capacitor ground connections must feed into
the same copper that connects to the input capacitor
ground before tying back into system ground.
7. Connection of switching ground to system ground,
or any internal ground plane should be single-point.
If the system has an internal system ground plane, a
good way to do this is to cluster vias into a single star
point to make the connection.
8. RouteanaloggroundasatracetiedbacktotheLTC4010
GND pin before connecting to any other ground. Avoid
usingthesystemgroundplane.AusefulCADtechnique
is to make analog ground a separate ground net and
use a 0Ω resistor to connect analog ground to system
ground.
9. A good rule of thumb for via count in a given high
current path is to use 0.5A per via. Be consistent when
applying this rule.
10. If possible, place all the parts listed above on the same
PCB layer.
11. Copper fills or pours are good for all power connec-
tions except as noted above in Rule 3. Copper planes
on multiple layers can also be used in parallel. This
helps with thermal management and lowers trace in-
ductance, which further improves EMI performance.
12. For best current programming accuracy, provide a
Kelvin connection from RSENSE to SENSE and BAT.
See Figure 13 for an example.
13. It is important to minimize parasitic capacitance on the
TIMER, SENSE and BAT pins. The traces connecting
these pins to their respective resistors should be as
short as possible.
Figure 12. High Speed Switching Path
4010 F12
VBAT
L1
VIN
HIGH
FREQUENCY
CIRCULATING
PATH
BAT
SWITCH NODE
CIN
SWITCHING GROUND
COUT
D1
Figure 13. Kelvin Sensing of Charge Current
SENSE
4010 F13
DIRECTION OF CHARGING CURRENT
RSENSE
BAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com