Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4150 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4150
Description  Coulomb Counter/ Battery Gas Gauge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4150 Datasheet(HTML) 2 Page - Linear Technology

  LTC4150_1 Datasheet HTML 1Page - Linear Technology LTC4150_1 Datasheet HTML 2Page - Linear Technology LTC4150_1 Datasheet HTML 3Page - Linear Technology LTC4150_1 Datasheet HTML 4Page - Linear Technology LTC4150_1 Datasheet HTML 5Page - Linear Technology LTC4150_1 Datasheet HTML 6Page - Linear Technology LTC4150_1 Datasheet HTML 7Page - Linear Technology LTC4150_1 Datasheet HTML 8Page - Linear Technology LTC4150_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LTC4150
2
4150fc
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD) .................................. –0.3V to 9V
Input Voltage Range
Digital Inputs (CLR, SHDN) ........–0.3V to (VDD + 0.3)
SENSE, SENSE+ , CF–, CF+.........–0.3V to (VDD + 0.3)
Output Voltage Range
Digital Outputs (INT, POL) ....................... –0.3V to 9V
Operating Temperature Range
LTC4150CMS ........................................... 0°C to 70°C
LTC4150IMS .......................................–40°C TO 85°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 2.7V and 8.5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIL
Digital Input Low Voltage, CLR, SHDN
l
0.7
V
VIH
Digital Input High Voltage, CLR, SHDN
l
1.9
V
VOL
Digital Output Low Voltage, INT, POL
IOL = 1.6mA, VDD = 2.7V
l
0.5
V
ILEAK
Digital Output Leakage Current, INT, POL
VINT = VPOL = 8.5V
l
0.01
1
μA
VOS
Differential Offset Voltage (Note 4)
VDD = 4.0V
l
±100
±150
μV
μV
VDD = 8.0V
l
±100
±150
μV
μV
VDD = 2.7V to 8.5V
l
±150
±200
μV
μV
VSENSE(CM) Sense Voltage Common Mode Input Range
l VDD – 0.06
VDD + 0.06
V
VSENSE
Sense Voltage Differential Input Range
SENSE+ – SENSE
l
–0.05
0.05
V
RIDR
Average Differential Input Resistance,
Across SENSE+ and SENSE
VDD = 4.1V (Note 3)
155
270
390
VUVLO
Undervoltage Lockout Threshold
VDD Rising
l
2.5
2.7
V
PIN CONFIGURATION
1
2
3
4
5
SENSE+
SENSE
CF
+
CF
SHDN
10
9
8
7
6
INT
CLR
VDD
GND
POL
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 160°C/W
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4150CMS#PBF
LTC4150CMS#TRPBF
LTQW
10-Lead Plastic MSOP
0°C to 70°C
LTC4150IMS#PBF
LTC4150IMS#TRPBF
LTQW
10-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com