Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4010CFE Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4010CFE
Description  High Efficiency Standalone Nickel Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4010CFE Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4010CFE Datasheet HTML 3Page - Linear Technology LTC4010CFE Datasheet HTML 4Page - Linear Technology LTC4010CFE Datasheet HTML 5Page - Linear Technology LTC4010CFE Datasheet HTML 6Page - Linear Technology LTC4010CFE Datasheet HTML 7Page - Linear Technology LTC4010CFE Datasheet HTML 8Page - Linear Technology LTC4010CFE Datasheet HTML 9Page - Linear Technology LTC4010CFE Datasheet HTML 10Page - Linear Technology LTC4010CFE Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC4010

4010fb
Typical perForMance characTerisTics
TEMPERATURE (°C)
–50
400
450
500
550
600
–30
–10
10
30
4010 G21
50
70
90
TEMPERATURE (°C)
–50 –30
2.8
3.0
3.3
–10
30
50
4010 G22
2.9
3.2
3.1
10
70
90
TEMPERATURE (°C)
–50
210
230
270
10
50
4010 G23
190
170
–30 –10
30
70
90
150
130
250
TEMPERATURE (°C)
–50 –30
4.5
4.9
5.5
–10
30
50
4010 G24
4.7
5.3
5.1
10
70
90
NO LOAD
TEMPERATURE (°C)
–50
–40
–35
–30
10
50
4010 G25
–45
–50
–30
–10
30
70
90
–55
–60
INTVDD Voltage
INTVDD Short-Circuit Current
Charge Enable Threshold
Voltage (VCC – BAT)
Thermistor Disable Threshold
Voltage
Pause Threshold Voltage
pin FuncTions
FAULT (Pin 1): Active-Low Fault Indicator Output. The
LTC4010 indicates various battery and internal fault condi-
tions by connecting this pin to GND. Refer to the Operation
and Applications Information sections for further details.
This output is capable of driving an LED and should be
left floating if not used. FAULT is an open-drain output to
GND with an operating voltage range of GND to VCC.
CHRG (Pin 2): Active-Low Charge Indicator Output. The
LTC4010 indicates it is providing charge to the battery by
connecting this pin to GND. Refer to the Operation and
Applications Information sections for further details. This
output is capable of driving an LED and should be left
floating if not used. CHRG is an open-drain output to GND
with an operating voltage range of GND to VCC.
CHEM (Pin 3): Battery Chemistry Selection Input. This
pin should be wired to GND to select NiMH fast charge
termination parameters. If a voltage greater than 2.85V is
applied to this pin, or it is left floating, NiCd parameters
are used. Refer to the Applications Information section for
further details. Operating voltage range is GND to 3.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com