Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4449 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4449
Description  High Speed Synchronous N-Channel MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 5 Page - Linear Technology

  LTC4449 Datasheet HTML 1Page - Linear Technology LTC4449 Datasheet HTML 2Page - Linear Technology LTC4449 Datasheet HTML 3Page - Linear Technology LTC4449 Datasheet HTML 4Page - Linear Technology LTC4449 Datasheet HTML 5Page - Linear Technology LTC4449 Datasheet HTML 6Page - Linear Technology LTC4449 Datasheet HTML 7Page - Linear Technology LTC4449 Datasheet HTML 8Page - Linear Technology LTC4449 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC4449
5
4449f
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current
vs Input Frequency
Propagation Delay
vs VLOGIC Supply Voltage
Propagation Delay
vs VCC (Boost) Supply Voltage
Rise and Fall Time
vs VCC (Boost) Supply Voltage
Switching Supply Current
vs Load Capacitance
Rise and Fall Time
vs Load Capacitance
Propagation Delay
vs Temperature
FREQUENCY (Hz)
0
5
6
800k
4449 G12
4
3
200k
400k
600k
1M
2
1
0
NO LOAD
VLOGIC = VCC = 5V
TS = GND
IVCC
IVLOGIC
LOAD CAPACITANCE (nF)
0.1
1
10
100
4449 G13
310
30
VLOGIC = VCC = 5V
TS = GND
ICC
fIN = 500kHz
ICC
fIN = 100kHz
ILOGIC
fIN = 500kHz
1
VCC (BOOST) SUPPLY VOLTAGE (V)
3.5
15
10
5
0
5.0
6.0
4449 G14
4.0
4.5
5.5
6.5
CLOAD = 3.3nF
TS = GND
tr(TG)
tr(BG)
tf(TG)
tf(BG)
LOAD CAPACITANCE (nF)
3
1
10
100
10
30
4449 G15
VCC = 5V
TS = GND
tr(BG)
tr(TG)
tf(TG)
1
tf(BG)
VLOGIC SUPPLY VOLTAGE (V)
3.5
3.0
25
15
20
10
5
5.0
6.0
4449 G16
4.0
4.5
5.5
6.5
NO LOAD
VCC = BOOST = 5V
TS = GND
tpHL(TG)
tpLH(BG)
tpLH(TG)
tpHL(BG)
VCC (BOOST) SUPPLY VOLTAGE (V)
20
15
10
5
5.0
6.0
4449 G17
4.0
4.5
5.5
6.5
NO LOAD
VLOGIC = 5V
TS = GND
tpHL(TG)
tpLH(BG)
tpLH(TG)
tpHL(BG)
TEMPERATURE (°C)
4449 G18
15
0
–40
–10
20
50
80
110
25
20
10
5
NO LOAD
VCC = VLOGIC = 5V
TS = GND
tpHL(TG)
tpLH(BG)
tpLH(TG)
tpHL(BG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com