Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3857-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3857-1
Description  Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3857-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC3857-1 Datasheet HTML 1Page - Linear Technology LTC3857-1 Datasheet HTML 2Page - Linear Technology LTC3857-1 Datasheet HTML 3Page - Linear Technology LTC3857-1 Datasheet HTML 4Page - Linear Technology LTC3857-1 Datasheet HTML 5Page - Linear Technology LTC3857-1 Datasheet HTML 6Page - Linear Technology LTC3857-1 Datasheet HTML 7Page - Linear Technology LTC3857-1 Datasheet HTML 8Page - Linear Technology LTC3857-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LTC3857-1

38571fa
absoluTe MaxiMuM raTings
(Note 1)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3857EGN-1#PBF
LTC3857EGN-1#TRPBF
LTC3857GN-1
28-LeadPlasticSSOP
–40°Cto125°C
LTC3857IGN-1#PBF
LTC3857IGN-1#TRPBF
LTC3857GN-1
28-LeadPlasticSSOP
–40°Cto125°C
ConsultLTCMarketingforpartsspecifiedwithwideroperatingtemperatureranges.*Thetemperaturegradeisidentifiedbyalabelontheshippingcontainer.
ConsultLTCMarketingforinformationonnon-standardleadbasedfinishparts.
Formoreinformationonleadfreepartmarking,goto:http://www.linear.com/leadfree/
Formoreinformationontapeandreelspecifications,goto:http://www.linear.com/tapeandreel/
InputSupplyVoltage(VIN)......................... –0.3Vto40V
TopsideDriverVoltages
BOOST1,BOOST2................................. –0.3Vto46V
SwitchVoltage(SW1,SW2)........................ –5Vto40V
(BOOST1-SW1),(BOOST2-SW2),INTVCC... –0.3Vto6V
RUN1,RUN2................................................ –0.3Vto8V
MaximumCurrentSourcedintoPin
fromSource>8V...............................................100µA
SENSE1+,SENSE2+,SENSE1–
SENSE2–Voltages...................................... –0.3Vto28V
PLLIN/MODE,FREQVoltages.............. –0.3VtoINTVCC
EXTVCC...................................................... –0.3Vto14V
ITH1,ITH2,VFB1,VFB2Voltages...................... –0.3Vto6V
PGOOD1Voltage......................................... –0.3Vto6V
TRACK/SS1,TRACK/SS2Voltages.............. –0.3Vto6V
OperatingJunctionTemperatureRange
(Note2).................................................. –40°Cto125°C
MaximumJunctionTemperature(Note3)............ 125°C
StorageTemperatureRange................... –65°Cto150°C
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
GN PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ITH1
VFB1
SENSE1+
SENSE1–
FREQ
PLLIN/MODE
SGND
RUN1
RUN2
SENSE2–
SENSE2+
VFB2
ITH2
TRACK/SS2
TRACK/SS1
PGOOD1
TG1
SW1
BOOST1
BG1
VIN
PGND
EXTVCC
INTVCC
BG2
BOOST2
SW2
TG2
TJMAX=125°C,θJA=90°C/W
pin conFiguraTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com