Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2471CDDPBF Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2471CDDPBF
Description  Selectable 250sps/1ksps, 16-Bit I2C ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2471CDDPBF Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2471CDDPBF Datasheet HTML 12Page - Linear Technology LTC2471CDDPBF Datasheet HTML 13Page - Linear Technology LTC2471CDDPBF Datasheet HTML 14Page - Linear Technology LTC2471CDDPBF Datasheet HTML 15Page - Linear Technology LTC2471CDDPBF Datasheet HTML 16Page - Linear Technology LTC2471CDDPBF Datasheet HTML 17Page - Linear Technology LTC2471CDDPBF Datasheet HTML 18Page - Linear Technology LTC2471CDDPBF Datasheet HTML 19Page - Linear Technology LTC2471CDDPBF Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC2471/LTC2473
16
24713f
APPLICATIONS INFORMATION
There is a limit to how large RS • CIN should be for a given
application. Increasing RS beyond a given point increases
the voltage drop across RS due to the input current,
to the point that significant measurement errors exist.
Additionally, for some applications, increasing the RS• CIN
product too much may unacceptably attenuate the signal
at frequencies of interest.
For most applications, it is desirable to implement CIN as
a high-quality 0.1μF ceramic capacitor and to set RS ≤
1k. This capacitor should be located as close as possible
to the actual IN+, IN– and IN package pins. Furthermore,
the area encompassed by this circuit path, as well as the
path length, should be minimized.
In the case of a 2-wire sensor that is not remotely
grounded, it is desirable to split RS and place series
resistors in the ADC input line as well as in the sensor
ground return line, which should be tied to the ADC GND
pin using a star connection topology.
Figure 13 shows the measured LTC2473 INL vs Input
Voltage as a function of RS value with an input capacitor
CIN = 0.1μF.
In some cases, RScanbeincreasedabovetheseguidelines.
The input current is zero when the ADC is either in sleep
or I/O modes. Thus, if the time constant of the input RC
circuit τ = RS • CIN, is of the same order of magnitude or
longer than the time periods between actual conversions,
then one can consider the input current to be reduced
correspondingly.
These considerations need to be balanced out by the input
signal bandwidth. The 3dB bandwidth ≈ 1/(2πRSCIN).
Finally, if the recommended choice for CIN is unacceptable
for the user’s specific application, an alternate strategy is to
eliminate CIN and minimize CPAR and RS. In practical terms,
this configuration corresponds to a low impedance sensor
directly connected to the ADC through minimum length
traces. Actual applications include current measurements
through low value sense resistors, temperature measure-
ments, low impedance voltage source monitoring, and so
on. The resultant INL vs VIN is shown in Figure 14. The
measurements of Figure 14 include a capacitor CPAR cor-
responding to a minimum sized layout pad and a minimum
width input trace of about 1 inch length.
Signal Bandwidth, Transition Noise and Noise
Equivalent Input Bandwidth
The LTC2471/LTC2473 include a sinc2 type digital filter. The
first notch is located at 500Hz if the 250sps output rate is
selected and 2kHz if the 1ksps output rate is selected. The
calculated input signal attenuation vs. frequency over a
wide frequency range is shown in Figure 15. The calculated
input signal attenuation vs. frequency at low frequencies
is shown in Figure 16. The converter noise level is about
3μVRMS and can be modeled by a white noise source con-
nected at the input of a noise-free converter.
On a related note, the LTC2473 uses two separate A/D
converters to digitize the positive and negative inputs.
Each of these A/D converters has 3μVRMS transition noise.
If one of the input voltages is within this small transition
noise band, then the output will fluctuate one bit, regard-
less of the value of the other input voltage. If both of the
input voltages are within their transition noise bands, the
output can fluctuate 2 bits.
For a simple system noise analysis, the VIN drive circuit can
be modeled as a single-pole equivalent circuit character-
ized by a pole location fi and a noise spectral density ni.
If the converter has an unlimited bandwidth, or at least a
bandwidth substantially larger than fi, then the total noise
contribution of the external drive circuit would be:
V
n = ni
π /2 • fi
Then, the total system noise level can be estimated as
the square root of the sum of (Vn2) and the square of the
LTC2471/LTC2473 noise floor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com