Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3890-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3890-1
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3890-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC3890-1 Datasheet HTML 1Page - Linear Technology LTC3890-1 Datasheet HTML 2Page - Linear Technology LTC3890-1 Datasheet HTML 3Page - Linear Technology LTC3890-1 Datasheet HTML 4Page - Linear Technology LTC3890-1 Datasheet HTML 5Page - Linear Technology LTC3890-1 Datasheet HTML 6Page - Linear Technology LTC3890-1 Datasheet HTML 7Page - Linear Technology LTC3890-1 Datasheet HTML 8Page - Linear Technology LTC3890-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC3890-1
2
38901f
ABSOLUTE MAXIMUM RATINGS
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3890EGN-1#PBF
LTC3890EGN-1#TRPBF
LTC3890GN-1
28-Lead Plastic SSOP
–40°C to 125°C
LTC3890IGN-1#PBF
LTC3890IGN-1#TRPBF
LTC3890GN-1
28-Lead Plastic SSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Input Supply Voltage (VIN)......................... –0.3V to 65V
Topside Driver Voltages
BOOST1, BOOST2 ................................. –0.3V to 71V
Switch Voltage (SW1, SW2) ........................ –5V to 65V
(BOOST1-SW1), (BOOST2-SW2) ................ –0.3V to 6V
RUN1, RUN2 ............................................... –0.3V to 8V
Maximum Current Sourced into Pin from
Source >8V .......................................................100μA
SENSE1+, SENSE2+, SENSE1–
SENSE2– Voltages...................................... –0.3V to 28V
PLLIN/MODE, FREQ Voltages .............. –0.3V to INTVCC
EXTVCC ...................................................... –0.3V to 14V
ITH1, ITH2, VFB1, VFB2 Voltages................... –0.3V to 6V
PGOOD1 Voltage ......................................... –0.3V to 6V
TRACK/SS1, TRACK/SS2 Voltages .............. –0.3V to 6V
Operating Junction Temperature Range
(Note 2) ................................................. –40°C to 125°C
Maximum Junction Temperature (Note 3) ............ 125°C
Storage Temperature Range................... –65°C to 150°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Supply Operating Voltage Range
4
60
V
VFB1,2
Regulated Feedback Voltage
ITH1,2 Voltage = 1.2V (Note 4)
–40°C to 125°C
–40°C to 85°C
l
0.788
0.792
0.800
0.800
0.812
0.808
V
V
IFB1,2
Feedback Current
(Note 4)
±5
±50
nA
VREFLNREG
Reference Voltage Line Regulation
VIN = 4.5V to 60V (Note 4)
0.002
0.02
%/V
VLOADREG
Output Voltage Load Regulation
(Note4)
Measured in Servo Loop,
ΔITH Voltage = 1.2V to 0.7V
l
0.01
0.1
%
(Note4)
Measured in Servo Loop,
ΔITH Voltage = 1.2V to 2V
l
–0.01
–0.1
%
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
GN PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ITH1
VFB1
SENSE1+
SENSE1–
FREQ
PLLIN/MODE
SGND
RUN1
RUN2
SENSE2–
SENSE2+
VFB2
ITH2
TRACK/SS2
TRACK/SS1
PGOOD1
TG1
SW1
BOOST1
BG1
VIN
PGND
EXTVCC
INTVCC
BG2
BOOST2
SW2
TG2
TJMAX = 125°C, θJA = 90°C/W
PIN CONFIGURATION
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TJ = 25°C. VIN = 12V, VRUN1,2 = 5V, EXTVCC = 0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com