Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1630CS8 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1630CS8
Description  30MHz, 10V/關s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1630CS8 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1630CS8 Datasheet HTML 9Page - Linear Technology LT1630CS8 Datasheet HTML 10Page - Linear Technology LT1630CS8 Datasheet HTML 11Page - Linear Technology LT1630CS8 Datasheet HTML 12Page - Linear Technology LT1630CS8 Datasheet HTML 13Page - Linear Technology LT1630CS8 Datasheet HTML 14Page - Linear Technology LT1630CS8 Datasheet HTML 15Page - Linear Technology LT1630CS8 Datasheet HTML 16Page - Linear Technology LT1630CS8 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT1630/LT1631

16301fa
Typical perForMance characTerisTics
Open-Loop Gain
Open-Loop Gain
Open-Loop Gain
Warm-Up Drift vs Time
Maximum Undistorted Output
Signal vs Frequency
Total Harmonic Distortion + Noise
vs Frequency
Capacitive Load Handling
Slew Rate vs Supply Voltage
Output Step vs
Settling Time to 0.01%
CAPACITIVE LOAD (pF)
1
10
100
1000
1630/31 G16
60
50
40
30
20
10
0
VS = 5V, 0V
AV = 1
RL = 1k
TOTAL SUPPLY VOLTAGE (V)
0
8
12
20
28
4
16
24
32
1630/31 G17
14
13
12
11
10
9
8
RISING EDGE
FALLING EDGE
VOUT = 80% OF VS
AV = –1
SETTLING TIME (µs)
0
0.25
–10
–8
–4
–2
0
10
4
0.50 0.75
1.00
1630/31 G18
–6
6
8
2
1.25
1.50
VS = ±15V
NONINVERTING
INVERTING
INVERTING
NONINVERTING
OUTPUT VOLTAGE (V)
–20 –15
0
10
20
1630/31 G19
–10
–20
–10 –5
0
5
10
15
20
–5
5
–15
15
VS = ±15V
RL = 1k
RL = 10k
OUTPUT VOLTAGE (V)
0
3
5
1630/31 G20
1
2
4
8
6
4
2
0
–2
–4
–6
–8
6
VS = 5V, 0V
RL = 1k
RL = 10k
OUTPUT VOLTAGE (V)
–5 –4 –3 –2 –1
200
150
100
50
0
–50
–100
–150
–200
3
1630/31 G21
1
0
2
4
6
5
7
VS = ±15V
RL = 100
TIME AFTER POWER-UP (SEC)
0
40
0
–40
–80
–120
–160
–200
60
100
160
1630/31 G22
20
40
80
120 140
S8 PACKAGE
VS = ±15V
LT1631CS
VS = ±15V
N8 PACKAGE
VS = 5V, 0V
N8 PACKAGE
VS = ±15V
S8 PACKAGE
VS = 5V, 0V
LT1631CS
VS = 5V, 0V
FREQUENCY (kHz)
1
0.1
0.01
0.001
0.0001
0.1
10
100
163031 G23
1
VIN = 2VP-P
RL = 10k
VS = 3V, 0V
AV = 1
VS = 5V, 0V
AV = 1
VS = 5V, 0V AND 3V, 0V
AV = –1
FREQUENCY (kHz)
1
10
100
1000
1630/31 G24
5
4
3
2
1
0
VS = 5V, 0V
AV = –1
VS = 5V, 0V
AV = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com