Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2473CDD Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2473CDD
Description  Selectable 250sps/1ksps, 16-Bit I2C ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2473CDD Datasheet(HTML) 3 Page - Linear Technology

  LTC2473CDD Datasheet HTML 1Page - Linear Technology LTC2473CDD Datasheet HTML 2Page - Linear Technology LTC2473CDD Datasheet HTML 3Page - Linear Technology LTC2473CDD Datasheet HTML 4Page - Linear Technology LTC2473CDD Datasheet HTML 5Page - Linear Technology LTC2473CDD Datasheet HTML 6Page - Linear Technology LTC2473CDD Datasheet HTML 7Page - Linear Technology LTC2473CDD Datasheet HTML 8Page - Linear Technology LTC2473CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC2471/LTC2473
3
24713f
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
(Note 3)
l
16
Bits
Integral Nonlinearity
Output Rate 250sps (Note 4)
Output Rate 1000sps (Note 4)
l
l
2
8
8.5
12
LSB
LSB
Offset Error
l
±1
±2.5
mV
Offset Error Drift
0.05
LSB/°C
Gain Error
l
±0.01
±0.25
% of FS
Gain Error Drift
l
0.15
LSB/°C
Transition Noise
3μVRMS
Power Supply Rejection DC
80
dB
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
ANALOG INPUTS The l denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
l
2.7
5.5
V
ICC
Supply Current
Conversion
Conversion
Nap
Sleep
LTC2473 (Note 8)
LTC2471 (Note 8)
(Note 8)
(Note 8)
l
l
l
l
3.5
2.5
800
0.2
5
4
1500
2
mA
mA
μA
μA
The
l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN+
Positive Input Voltage Range
LTC2473
l
0VREF
V
VIN–
Negative Input Voltage Range
LTC2473
l
0VREF
V
VIN
Input Voltage Range
LTC2471
l
0VREF
V
VOR+, VUR+
Overrange/Underrange Voltage, IN+
VIN– = 0.625V
8
LSB
VOR–, VUR–
Overrange/Underrange Voltage, IN–
VIN+ = 0.625V
8
LSB
CIN
IN+, IN–, IN Sampling Capacitance
0.35
pF
IDC_LEAK(IN+, IN–, IN) IN+, IN– DC Leakage Current (LTC2473)
IN DC Leakage Current (LTC2471)
VIN = GND (Note 8)
VIN = VCC (Note 8)
l
l
–10
–10
±1
±1
10
10
nA
nA
ICONV
Input Sampling Current (Notes 5, 8)
50
nA
VREF
Reference Output Voltage
l
1.247
1.25
1.253
V
Reference Voltage Coefficient
(Note 9)
C-Grade
I-Grade
l
±2
±5
±10
ppm/°C
ppm/°C
Reference Line Regulation
2.7V ≤ VCC ≤ 5.5V
–90
dB
Reference Short Circuit Current
VCC = 5.5, Forcing Output to GND (Note 8)
l
35
mA
COMP Pin Short Circuit Current
VCC = 5.5, Forcing Output to GND (Note 8)
l
200
μA
Reference Load Regulation
2.7V ≤ VCC ≤ 5.5V, IOUT = 100μA Sourcing
3.5
mV/mA
Reference Output Noise Density
CCOMP= 0.1μF, CREFOUT = 0.1μF, At f =
1ksps
30
nV/√Hz
POWER REQUIREMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com