Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33596 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MC33596 Datasheet HTML 35Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 36Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 37Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 38Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 39Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 40Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 41Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 42Page - Freescale Semiconductor, Inc MC33596 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
Register Description
MC33596 Data Sheet, Rev. 4
Freescale Semiconductor
39
How this register is used is determined by the FRM bit, which is described below.
FRM = 0 (User Friendly Access)
Bits F[11:0] define the carrier frequency Fcarrier. The local oscillator frequency FLO is then set
automatically to Fcarrier + FIF (with FIF = intermediate frequency).
FRM = 1 (Direct Access)
F[11:0] defines the receiver local oscillator frequency FLO
Table 14 defines the value to be binary coded in the frequency registers F[11;0], versus the desired
frequency value F (in Hz).
Conversely, Table 15 gives the desired frequency F and the frequency resolution versus the value of the
frequency registers F[11;0].
16.4 Receiver On/Off Duration Register
Figure 29 describes the receiver on/off duration register, RXONOFF.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Addr
Bit Name
————
F11
F10
F9
F8
$04
Reset Value
0
1
0
0
1
0
0
0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
F7
F6
F5
F4
F3
F2
F1
F0
$05
Reset Value
0
0
0
0
0
0
0
0
Figure 28. F Register
Table 14. Frequency Register Value versus Frequency Value F
CF[1:0]
Frequency Register Value
00, 01
(2 x F/Fref-35) x 2048
11
(F/Fref-35) x 2048
Table 15. Frequency Value F versus Frequency Register Value
CF[1:0]
Frequency (Hz)
Frequency Resolution (Hz)
00, 01
(35 + F[11;0]/2048)xFref/2
Fref/4096
11
(35 + F[11;0]/2048)xFref
Fref/2048
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Addr
Bit Name
BANKA
RON3
RON2
RON1
RON0
ROFF2
ROFF1
ROFF0
$09
Reset Value
0
1
1
1
1
1
1
1
Access
R/WR/W
R/WR/W
R/WR/W
R/W
R/W
Figure 29. RXONOFF Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com