Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6207IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LT6207IGN
Description  Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6207IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6207IGN Datasheet HTML 6Page - Linear Technology LT6207IGN Datasheet HTML 7Page - Linear Technology LT6207IGN Datasheet HTML 8Page - Linear Technology LT6207IGN Datasheet HTML 9Page - Linear Technology LT6207IGN Datasheet HTML 10Page - Linear Technology LT6207IGN Datasheet HTML 11Page - Linear Technology LT6207IGN Datasheet HTML 12Page - Linear Technology LT6207IGN Datasheet HTML 13Page - Linear Technology LT6207IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LT6205/LT6206/LT6207
10
620567fc
TYPICAL PERFORMANCE CHARACTERISTICS
Series Output Resistor
vs Capacitive Load
Maximum Undistorted Output
Signal vs Frequency
Distortion vs Frequency
Distortion vs Frequency
Distortion vs Frequency
Distortion vs Frequency
Large Signal Response
VS = 5V, 0V
Small Signal Response
VS = 5V, 0V
CAPACITIVE LOAD (pF)
10
40
35
30
25
20
15
10
5
0
100
1000
620567 G28
VS = 5V, 0V
AV = 2
TA = 25°C
RS = 10Ω, RL =
RS = 20Ω, RL =
RL = RS = 50Ω
FREQUENCY (MHz)
0.1
1
10
100
10
9
8
7
6
5
4
0
3
2
1
620567 G30
VS = 5V
TA = 25°C
HD2, HD3 < –30dBc
AV = 2
AV = –1
FREQUENCY (MHz)
0.01
0.1
1
10
–30
–40
–50
–60
–70
–80
–90
–100
620567 G31
AV = +1
VO = 2VP-P
VS = 5V, 0V
RL = 1k, 2ND
RL = 1k, 3RD
RL = 150Ω, 3RD
RL = 150Ω, 2ND
FREQUENCY (MHz)
0.01
0.1
1
10
–30
–40
–50
–60
–70
–80
–90
–100
620567 G32
AV = +2
VO = 2VP-P
VS = 5V, 0V
RL = 1k, 2ND
RL = 1k, 3RD
RL = 150Ω, 3RD
RL = 150Ω, 2ND
FREQUENCY (MHz)
0.01
0.1
1
10
–30
–40
–50
–60
–70
–80
–90
–100
620567 G33
AV = +1
VO = 2VP-P
VS = 5V
RL = 1k, 2ND
RL = 1k, 3RD
RL = 150Ω, 3RD
RL = 150Ω, 2ND
FREQUENCY (MHz)
0.01
0.1
1
10
–30
–40
–50
–60
–70
–80
–90
–100
620567 G34
AV = +2
VO = 2VP-P
VS = 5V
RL = 1k, 3RD
RL = 150Ω, 3RD
RL = 150Ω, 2ND
RL = 1k, 2ND
50ns/DIV
620567 G35
0V
VS = 5V, 0V
AV = 1
RL = 150Ω
50ns/DIV
620567 G36
2.5V
VS = 5V, 0V
AV = 1
RL = 150Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com