Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33596FCE/R2 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC33596FCE/R2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC33596FCE/R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
MC33596 Data Sheet, Rev. 4
Pin Functions
Freescale Semiconductor
4
3
Pin Functions
Table 1. Pin Functions
Pin
Name
Description
1
RSSIOUT
RSSI analog output
2
VCC2RF
2.1 V to 2.7 V internal supply for LNA
3
RFIN
RF input
4
GNDLNA
Ground for LNA (low noise amplifier)
5
VCC2VCO
2.1 V to 2.7 V internal supply for VCO
6
GND
Ground
7
NC
Not connected
8
GND
Ground
9
XTALIN
Crystal oscillator input
10
XTALOUT
Crystal oscillator output
11
VCCINOUT
2.1 V to 3.6 V power supply/regulator output
12
VCC2OUT
2.1 V to 2.7 V voltage regulator output for analog and RF modules
13
VCCDIG
2.1 V to 3.6 V power supply for voltage limiter
14
VCCDIG2
1.5 V voltage limiter output for digital module
15
RBGAP
Reference voltage load resistance
16
GND
General ground
17
GNDDIG
Digital module ground
18
RSSIC
RSSI control input
19
DATACLK
Data clock output to microcontroller
20
CONFB
Configuration mode selection input
21
MISO
Digital interface I/O
22
MOSI
Digital interface I/O
23
SCLK
Digital interface clock I/O
24
SEB
Digital interface enable input
25
GNDIO
Digital I/O ground
26
VCCIN
2.1 V to 3.6 V or 5.5 V input
27
NC
No connection
28
STROBE
Strobe oscillator capacitor or external control input
29
GNDSUBD
Ground
30
VCC2IN
2.1 V to 2.7 V power supply for analog modules for decoupling capacitor
31
SWITCH
RF switch control output
32
GND
General ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com