Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6205CS5PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT6205CS5PBF
Description  Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6205CS5PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6205CS5PBF Datasheet HTML 2Page - Linear Technology LT6205CS5PBF Datasheet HTML 3Page - Linear Technology LT6205CS5PBF Datasheet HTML 4Page - Linear Technology LT6205CS5PBF Datasheet HTML 5Page - Linear Technology LT6205CS5PBF Datasheet HTML 6Page - Linear Technology LT6205CS5PBF Datasheet HTML 7Page - Linear Technology LT6205CS5PBF Datasheet HTML 8Page - Linear Technology LT6205CS5PBF Datasheet HTML 9Page - Linear Technology LT6205CS5PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LT6205/LT6206/LT6207
6
620567fc
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The inputs are protected by back-to-back diodes. If the differential
input voltage exceeds 1.4V, the input current should be limited to less than
10mA.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum. This depends on the power supply voltage and
how many amplifiers are shorted.
Note 4: The LT6205C/LT6206C/LT6207C are guaranteed to meet specified
performance from 0°C to 70°C and are designed, characterized and
expected to meet specified performance from –40°C to 85°C but are not
tested or QA sampled at these temperatures. The LT6205I/LT6206I/LT6207I
are guaranteed to meet specified performance from –40°C to 85°C. The
LT6205H is guaranteed to meet specified performance from –40°C to 125°C.
Note 5: Matching parameters are the difference between the two amplifiers
A and D and between B and C of the LT6207; between the two amplifiers of
the LT6206.
Note 6: This parameter is not 100% tested.
Note 7: Output voltage swings are measured between the output and
power supply rails.
Note 8: Full power bandwidth is calculated from the slew rate
measurement: FPBW = SR/2πVPEAK.
Note 9: There are reverse biased ESD diodes on all inputs and outputs.
If these pins are forced beyond either supply, unlimited current will flow
through these diodes. If the current is transient in nature and limited to
less than 25mA, no damage to the device will occur.
SYMBOL
PARAMETER
CONDITIONS
LT6205H
UNITS
MIN
TYP
MAX
IB
Input Bias Current
l
50
μA
IOS
Input Offset Current
l
5μA
Input Noise Voltage
0.1Hz to 10Hz
2
μVP-P
en
Input Noise Voltage Density
f = 10kHz
9
nV/√Hz
in
Input Noise Current Density
f = 10kHz
4
pA/√Hz
Input Resistance
VCM = –5V to 3V
1
MΩ
Input Capacitance
2pF
CMRR
Common Mode Rejection Ratio
VCM = –5V to 3V
l
72
dB
Input Voltage Range
l
–5
3
V
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±6V
l
62
dB
AVOL
Large-Signal Voltage Gain
VO = –4V to 4V, RL = 1k
l
40
V/mV
VO = –3V to 3V, RL = 150Ω
l
5
V/mV
Output Voltage Swing
No Load, Input Overdrive = 30mV
IOUT = ±5mA
IOUT = ±25mA
l
l
l
±4.85
±4.65
±3.5
V
V
V
ISC
Short-Circuit Current
Short to Ground
l
±40
±20
±60
mA
mA
IS
Supply Current per Amplifier
l
4
5.6
7.5
mA
mA
GBW
Gain Bandwidth Product
f = 2MHz
l
50
MHz
SR
Slew Rate
AV = –1, RL = 1k
VO = –4V to 4V, Measured from –3V to 3V
350
600
V/μs
Channel Separation
f = 10MHz
90
dB
FPBW
Full Power Bandwidth
VOUT = 8VP-P (Note 8)
14
24
MHz
ts
Settling Time to 3%
Settling Time to 1%
ΔVOUT = 2V, AV = –1, RL = 150Ω
15
25
ns
ns
Differential Gain
Differential Phase
AV = 2, RL = 150Ω, Output Black Level = 1V
AV = 2, RL = 150Ω, Output Black Level = 1V
0.05
0.08
%
Deg
The
l denotes specifications which apply over the full specified
temperature range, –40°C ≤ TA ≤ 125°C, otherwise specifications are at TA = 25°C. VS = ±5V; VCM = VOUT = 0V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com