Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33904 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33904
Description  System Basis Chip Gen2 with High Speed CAN and LIN Interface
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33904 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33904 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33904/5
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ESD Capability
* AECQ100(1)
Human Body Model - JESD22/A114 (CZAP = 100 pF, RZAP = 1500 Ω)
CANH and CANL. LIN1 and LIN2, Pins versus all GND pins
all other Pins including CANH and CANL
Charge Device Model - JESD22/C101 (CZAP = 4.0 pF)
Corner Pins (Pins 1, 16, 17, and 32)
All other Pins (Pins 2-15, 18-31)
* According to IEC 61000-4-2 (CZAP = 150 pF, RZAP = 330 Ω)
device unpowered, CANH and CANL pin without capacitor, versus GND
device unpowered, LIN pin, versus GND
device unpowered, VS1/VS2 (100 nF to GND), versus GND
* According to “OEM_HW_Requirements_For_CAN_LIN_FR-Interfaces_V1
0_20081210.pdf”
CANH, CANL without bus filter
LIN with and without bus filter
I/O with external components (22k - 10nF)
VESD1-1
VESD1-2
VESD2-1
VESD2-2
VESD3-1
VESD3-2
VESD3-3
VESD4-1
VESD4-2
VESD4-3
±8000
±2000
±750
±500
±15000
±15000
±15000
±9000
±12000
±7000
V
THERMAL RATINGS
Junction temperature
TJ
150
°C
Ambient temperature
TA
-40 to 125
°C
Storage temperature
TST
-55 to 165
°C
THERMAL RESISTANCE
Thermal resistance junction to ambient
RθJA
50(4)
°C/W
Peak Package Reflow Temperature During Reflow(2), (3)
TPPRT
Note 3
°C
Notes
1.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 Ω) and the Charge Device
Model (CDM), Robotic (CZAP = 4.0 pF).
2.
The voltage on non-Vsup pins should never exceed the Vsup voltage at any time or permanent damage to the device may occur.Pin
soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
3.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.
4.
This parameter was measured according to Figure 8 below:
Figure 8. PCB with Top and Bottom Layer Dissipation Area (Dual Layer)
Table 3. Maximum Ratings (continued)
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
PCB 100mm x 100mm
Bottom side
20mm x 40mm
Top side, 300 sq. mm
(20mmx15mm)
Bottom view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com