Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6201CDDPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT6201CDDPBF
Description  165MHz, Rail-to-Rail Input and Output, 0.95nV/?숰z Low Noise, Op Amp Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6201CDDPBF Datasheet(HTML) 3 Page - Linear Technology

  LT6201CDDPBF Datasheet HTML 1Page - Linear Technology LT6201CDDPBF Datasheet HTML 2Page - Linear Technology LT6201CDDPBF Datasheet HTML 3Page - Linear Technology LT6201CDDPBF Datasheet HTML 4Page - Linear Technology LT6201CDDPBF Datasheet HTML 5Page - Linear Technology LT6201CDDPBF Datasheet HTML 6Page - Linear Technology LT6201CDDPBF Datasheet HTML 7Page - Linear Technology LT6201CDDPBF Datasheet HTML 8Page - Linear Technology LT6201CDDPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
62001fd
LT6200/LT6200-5
LT6200-10/LT6201
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED
TEMPERATURE RANGE
LT6200CS8-10#PBF
LT6200CS8-10#TRPBF
620010
8-Lead Plastic SO
0°C to 70°C
LT6200IS8-10#PBF
LT6200IS8-10#TRPBF
200I10
8-Lead Plastic SO
–40°C to 85°C
LT6201CDD#PBF
LT6201CDD #TRPBF
LADG
8-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LT6201CS8#PBF
LT6201CS8 #TRPBF
6201
8-Lead Plastic SO
0°C to 70°C
LT6201IS8 #PBF
LT6201IS8 #TRPBF
6201I
8-Lead Plastic SO
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VS = 5V, VCM = Half Supply
VS = 3V, VCM = Half Supply
0.1
0.9
1
2.5
mV
mV
VS = 5V, VCM = V+ to V –
VS = 3V, VCM = V+ to V –
0.6
1.8
2
4
mV
mV
Input Offset Voltage Match
(Channel-to-Channel) (Note 11)
VCM = Half Supply
VCM = V– to V+
0.2
0.5
1.1
2.2
mV
mV
IB
Input Bias Current
VCM = Half Supply
VCM = V+
VCM = V–
–40
–50
–10
8
–23
18
μA
μA
μA
ΔIB
IB Shift
VCM = V– to V+
31
68
μA
IB Match (Channel-to-Channel) (Note 11)
VCM = V– to V+
0.3
5
μA
IOS
Input Offset Current
VCM = Half Supply
VCM = V+
VCM = V–
0.1
0.02
0.4
4
4
5
μA
μA
μA
Input Noise Voltage
0.1Hz to 10Hz
600
nVP-P
en
Input Noise Voltage Density
f = 100kHz, VS = 5V
f = 10kHz, VS = 5V
1.1
1.5
2.4
nV/√Hz
nV/√Hz
in
Input Noise Current Density, Balanced Source
Unbalanced Source
f = 10kHz, VS = 5V
f = 10kHz, VS = 5V
2.2
3.5
pA/√Hz
pA/√Hz
Input Resistance
Common Mode
Differential Mode
0.57
2.1
MΩ
kΩ
CIN
Input Capacitance
Common Mode
Differential Mode
3.1
4.2
pF
pF
AVOL
Large-Signal Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 1k to VS/2
VS = 5V, VO = 1V to 4V, RL = 100Ω to VS/2
VS = 3V, VO = 0.5V to 2.5V, RL = 1k to VS/2
70
11
17
120
18
70
V/mV
V/mV
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = V– to V+
VS = 5V, VCM = 1.5V to 3.5V
VS = 3V, VCM = V– to V+
65
85
60
90
112
85
dB
dB
dB
CMRR Match (Channel-to-Channel) (Note 11)
VS = 5V, VCM = 1.5V to 3.5V
80
105
dB
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 10V, LT6201DD VS = 2.5V to 7V
60
68
dB
PSRR Match (Channel-to-Channel) (Note 11)
VS = 2.5V to 10V, LT6201DD VS = 2.5V to 7V
65
100
dB
TA = 25°C, VS = 5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply, VSHDN = OPEN,
unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com