Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6207IGNPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LT6207IGNPBF
Description  Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6207IGNPBF Datasheet(HTML) 4 Page - Linear Technology

  LT6207IGNPBF Datasheet HTML 1Page - Linear Technology LT6207IGNPBF Datasheet HTML 2Page - Linear Technology LT6207IGNPBF Datasheet HTML 3Page - Linear Technology LT6207IGNPBF Datasheet HTML 4Page - Linear Technology LT6207IGNPBF Datasheet HTML 5Page - Linear Technology LT6207IGNPBF Datasheet HTML 6Page - Linear Technology LT6207IGNPBF Datasheet HTML 7Page - Linear Technology LT6207IGNPBF Datasheet HTML 8Page - Linear Technology LT6207IGNPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LT6205/LT6206/LT6207
4
620567fc
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
LT6205C/LT6206C/LT6207C
LT6205I/LT6206I/LT6207I
UNITS
MIN
TYP
MAX
VOS
Input Offset Voltage
l
1
4.5
6
mV
mV
Input Offset Voltage Match
(Channel-to-Channel) (Note 5)
l
13
4
mV
mV
Input Offset Voltage Drift (Note 6)
l
10
18
μV/°C
IB
Input Bias Current
l
18
30
μA
IOS
Input Offset Current
l
0.6
3
μA
Input Noise Voltage
0.1Hz to 10Hz
2
μVP-P
en
Input Noise Voltage Density
f = 10kHz
9
nV/√Hz
in
Input Noise Current Density
f = 10kHz
4
pA/√Hz
Input Resistance
VCM = –5V to 3V
1
MΩ
Input Capacitance
2pF
CMRR
Common Mode Rejection Ratio
VCM = –5V to 3V
l
78
90
dB
Input Voltage Range
l
–5
3
V
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±6V
l
67
75
dB
AVOL
Large-Signal Voltage Gain
VO = –4V to 4V, RL = 1k
l
50
133
V/mV
VO = –3V to 3V, RL = 150Ω
l
7.5
20
V/mV
Output Voltage Swing
No Load, Input Overdrive = 30mV
IOUT = ±5mA
IOUT = ±25mA
l
l
l
±4.88
±4.75
±3.8
±4.92
±4.85
±4.35
V
V
V
ISC
Short-Circuit Current
Short to Ground
l
±40
±30
±60
mA
mA
IS
Supply Current per Amplifier
l
4
5.6
6.5
mA
mA
GBW
Gain Bandwidth Product
f = 2MHz
l
65
100
MHz
SR
Slew Rate
AV = –1, RL = 1k
VO = –4V to 4V, Measured from –3V to 3V
350
600
V/μs
Channel Separation
f = 10MHz
90
dB
FPBW
Full Power Bandwidth
VOUT = 8VP-P (Note 8)
14
24
MHz
ts
Settling Time to 3%
Settling Time to 1%
ΔVOUT = 2V, AV = –1, RL = 150Ω
15
25
ns
ns
Differential Gain
Differential Phase
AV = 2, RL = 150Ω, Output Black Level = 1V
AV = 2, RL = 150Ω, Output Black Level = 1V
0.05
0.08
%
Deg
The
l denotes specifications which apply over the specified temperature
range, otherwise specifications are at TA = 25°C. VS = ±5V; VCM = VOUT = 0V, unless otherwise noted.
The
l denotes specifications which apply over the full specified temperature range, –40°C ≤ TA ≤ 125°C, otherwise specifications are
at TA = 25°C. VS = 3V, 0V; VS = 5V, 0V; VCM = VOUT = 1V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
LT6205H
UNITS
MIN
TYP
MAX
VOS
Input Offset Voltage
l
1
3.5
6
mV
mV
Input Offset Voltage Drift (Note 6)
l
20
μV/°C
IB
Input Bias Current
l
45
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com