Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5607B Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5607B
Description  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5607B Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5607B Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MPC5607B
Rev. 3, 01/2010
© Freescale Semiconductor, Inc., 2010. All rights reserved.
Preliminary—Subject to Change Without Notice
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MPC5607B
176LQFP (24 x 24)
144 LQFP (20 x 20 )
100 LQFP (14 x 14 )
208 MAPBGA (17 x 17
)
Features
•
Single issue, 32-bit CPU core complex (e200z0h)
— Compliant with the Power Architecture™
embedded category
— Enhanced instruction set allowing variable
length encoding (VLE) for code size footprint
reduction. With the optional encoding of mixed
16-bit and 32-bit instructions, it is possible to
achieve significant code size footprint
reduction.
•
Up to 1.5 Mbytes on-chip Flash supported with the
Flash controller
•
Up to 96 Kbytes on-chip SRAM
•
Memory protection unit (MPU) with 8 region
descriptors and 32-byte region granularity on certain
family members
•
Interrupt controller (INTC) capable of handling 204
selectable-priority interrupt sources
•
Frequency modulated phase-locked loop (FMPLL)
•
Crossbar switch architecture for concurrent access to
peripherals, Flash, or RAM from multiple bus
masters
•
16-channel eDMA controller with multiple transfer
request sources using DMA multiplexer
•
Boot assist module (BAM) supports internal Flash
programming via a serial link (CAN or SCI)
•
Timer supports I/O channels providing a range of
16-bit input capture, output compare, and pulse
width modulation functions (eMIOS)
•
2 analog-to-digital converters (ADC): one 10-bit and
one 12-bit
•
Cross Trigger Unit to enable synchronization of
ADC conversions with a timer event from the
eMIOS or PIT
•
Up to 6 serial peripheral interface (DSPI) modules
•
Up to 10 serial communication interface (LINFlex)
modules
•
Up to 6 enhanced full CAN (FlexCAN) modules
with configurable buffers
•
1 inter-integrated circuit (I
2C) interface module
•
Up to 149 configurable general purpose pins
supporting input and output operations (package
dependent)
•
Real-Time Counter (RTC)
— Clock source from internal 128 kHz or 16 MHz
oscillator supporting autonomous wakeup with
1 ms resolution with maximum timeout of 2
seconds
— Optional support for RTC with clock source
from external 32 kHz crystal oscillator,
supporting wakeup with 1 sec resolution and
maximum timeout of 1 hour
•
Up to 8 periodic interrupt timers (PIT) with 32-bit
counter resolution
•
Nexus development interface (NDI) per IEEE-ISTO
5001-2003 Class Two Plus
•
Device/board boundary scan testing supported per
Joint Test Action Group (JTAG) of IEEE (IEEE
1149.1)
•
On-chip voltage regulator (VREG) for regulation of
input supply for all internal levels
MPC5607B Microcontroller
Data Sheet


Similar Part No. - MPC5607B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5607B FREESCALE-MPC5607B Datasheet
779Kb / 110P
MPC5607B Microcontroller
MPC5607B FREESCALE-MPC5607B Datasheet
914Kb / 110P
MicrocontrollerData Sheet
MPC5607B FREESCALE-MPC5607B Datasheet
243Kb / 2P
Qorivva MPC560xB/C/D Family
MPC5607B FREESCALE-MPC5607B Datasheet
243Kb / 2P
Qorivva MPC560xBCD Family
MPC5607B FREESCALE-MPC5607B Datasheet
860Kb / 112P
MPC5607B Microcontroller
More results

Similar Description - MPC5607B

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
Microcontroller
LM4F111B2QR TI1-LM4F111B2QR Datasheet
5Mb / 1113P
Microcontroller
LM4F111E5QR TI1-LM4F111E5QR Datasheet
5Mb / 1114P
Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
Microcontroller
LM3S1110 TI1-LM3S1110 Datasheet
4Mb / 539P
Microcontroller
logo
Renesas Technology Corp
S5D9 RENESAS-S5D9 Datasheet
2Mb / 115P
Microcontroller
logo
List of Unclassifed Man...
N79E855 ETC2-N79E855 Datasheet
3Mb / 180P
Microcontroller
W567BXXX ETC2-W567BXXX Datasheet
494Kb / 13P
microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com