Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8323EEC Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC8323EEC
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323EEC Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC8323EEC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
11
RESET Initialization
4.2
AC Electrical Characteristics
The primary clock source for the MPC8323E can be one of two inputs, CLKIN or PCI_CLK, depending
on whether the device is configured in PCI host or PCI agent mode. Table 8 provides the clock input
(CLKIN/PCI_CLK) AC timing specifications for the MPC8323E.
5
RESET Initialization
This section describes the AC electrical specifications for the reset initialization timing requirements of
the MPC8323E. Table 9 provides the reset initialization AC timing specifications for the reset
component(s).
CLKIN input current
0 V
≤ VIN ≤ OVDD
IIN
—±5
μA
PCI_SYNC_IN input current
0 V
≤ VIN ≤ 0.5 V or
OVDD – 0.5 V ≤ VIN ≤ OVDD
IIN
—±5
μA
PCI_SYNC_IN input current
0.5 V
≤ VIN ≤ OVDD – 0.5 V
IIN
—±50
μA
Table 8. CLKIN AC Timing Specifications
Parameter/Condition
Symbol
Min
Typical
Max
Unit
Notes
CLKIN/PCI_CLK frequency
fCLKIN
25
—
66.67
MHz
1
CLKIN/PCI_CLK cycle time
tCLKIN
15
—
—
ns
—
CLKIN rise and fall time
tKH, tKL
0.6
0.8
4
ns
2
PCI_CLK rise and fall time
tPCH, tPCL
0.6
0.8
1.2
ns
2
CLKIN/PCI_CLK duty cycle
tKHK/tCLKIN
40
—
60
%
3
CLKIN/PCI_CLK jitter
—
—
—
±150
ps
4, 5
Notes:
1. Caution: The system, core, security, and QUICC Engine block must not exceed their respective maximum or minimum
operating frequencies.
2. Rise and fall times for CLKIN/PCI_CLK are measured at 0.4 and 2.7 V.
3. Timing is guaranteed by design and characterization.
4. This represents the total input jitter—short term and long term—and is guaranteed by design.
5. The CLKIN/PCI_CLK driver’s closed loop jitter bandwidth should be < 500 kHz at –20 dB. The bandwidth must be set low to
allow cascade-connected PLL-based devices to track CLKIN drivers with the specified jitter.
Table 9. RESET Initialization Timing Specifications
Parameter/Condition
Min
Max
Unit
Notes
Required assertion time of HRESET or SRESET (input) to activate reset
flow
32
—
tPCI_SYNC_IN
1
Required assertion time of PORESET with stable clock applied to CLKIN
when the MPC8323E is in PCI host mode
32
—
tCLKIN
2
Required assertion time of PORESET with stable clock applied to
PCI_SYNC_IN when the MPC8323E is in PCI agent mode
32
—
tPCI_SYNC_IN
1
Table 7. CLKIN DC Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com