Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBH Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDBH
Description  Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDBH Datasheet(HTML) 3 Page - Sumida Corporation

  CDBH Datasheet HTML 1Page - Sumida Corporation CDBH Datasheet HTML 2Page - Sumida Corporation CDBH Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
■
■
■
■
Electrical Characteristics specification.
Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDBH Series
Temperature
Rise Current
(A)
※3
Saturation Current
(A)
※2
D.C.R.
(m
Ω) ※1
Inductance
( H)
at 100KHz
Sumida P/N
17.5
[1-4]
13.0 (1-4)
[at 125
℃]
17.0 (1-4)
[at 20
℃]
1.13 (0.90)
[(1-6),(2-5),
(3-4)]
0.56
±20%
[1-4]
CDBH8D38NP-R56MC
0.20
±30%
0.15
±30%
0.47
±20%
[1-3]
44
[at 20
℃]
29
[at 20
℃]
9.5 (1-3)
[at 20
℃]
34
[at 105
℃]
25
[at 105
℃]
7.0 (1-3)
[at 125
℃]
0.78 (0.62)
0.63 (0.50)
0.75 (0.60)
[(1-2),(3-4)]
55
CDBH10D46NP-R15NC
50
CDBH12D58NP-R20NC
21.0
[1-3]
CDBH6D28NP-R47MC
※1、( )is typical value.
※2、Saturation Current: This indicates the value of D.C. current when the inductance decreases to 75% of
its nominal value.
※3、Temperature Rise Current: The actual current when temperature of coil becomes △T=40℃.(Ta=20℃)
California
Chicago
Tel.+1-408-321-9660
FAX. +1-408-321-9308
Tel.+1-847-545-6700
FAX. +1-847-545-6720
Taipei
Shenzhen
Shanghai
Hong Kong
Tel.+60-3-8733-0900
FAX.+60-3-8737-7384
Tel.+65-6296-3388
FAX.+65-6296-3390
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
Tel.+81-3-5202-7112
FAX.+81-3-5202-7105
Malaysia
Singapore
Seoul
Tokyo
For More Information
Tel.+886-2-27065228
FAX.+886-2-27065229
Tel.+86-755-82910228
FAX.+86-755-82910338
Tel.+86-021-58363299
FAX.+86-021-58363266
Tel.+852-2880-6688
FAX.+852-2565-9600



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com