Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8323VRADDCA Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MPC8323VRADDCA
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323VRADDCA Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MPC8323VRADDCA Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
49
Package and Pin Listings
21 Package and Pin Listings
This section details package parameters, pin assignments, and dimensions. The MPC8323E is available in
a thermally enhanced Plastic Ball Grid Array (PBGA); see Section 21.1, “Package Parameters for the
MPC8323E PBGA,” and Section 21.2, “Mechanical Dimensions of the MPC8323E PBGA,” for
information on the PBGA.
21.1
Package Parameters for the MPC8323E PBGA
The package parameters are as provided in the following list. The package type is 27 mm
× 27 mm, 516
PBGA.
Package outline
27 mm
× 27 mm
Interconnects
516
Pitch
1.00 mm
Module height (typical)
2.25 mm
Solder Balls
62 Sn/36 Pb/2 Ag (ZQ package)
95.5 Sn/0.5 Cu/4Ag (VR package)
Ball diameter (typical)
0.6 mm
21.2
Mechanical Dimensions of the MPC8323E PBGA
Figure 42 shows the mechanical dimensions and bottom surface nomenclature of the MPC8323E,
516-PBGA package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com