Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDEPI115MENP-R62PC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDEPI115MENP-R62PC
Description  Power Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEPI115MENP-R62PC Datasheet(HTML) 2 Page - Sumida Corporation

  CDEPI115MENP-R62PC Datasheet HTML 1Page - Sumida Corporation CDEPI115MENP-R62PC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
■
■
■
■
Electrical Characteristics specification.
Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEPI115ME
13.3
27.0
2.77(2.31)
0.62
±25%
CDEPI115MENP-R62PC
16.3
42.0
1.72(1.43)
0.27
±25%
CDEPI115MENP-R27PC
8.4
16.5
6.73(5.61)
1.6
±25%
CDEPI115MENP-1R6PC
10.5
22.0
4.28(3.57)
1.0
±25%
CDEPI115MENP-1R0PC
5.8
12.0
14.3(11.9)
3.3
±25%
CDEPI115MENP-3R3PC
6.9
14.5
9.85(8.21)
2.4
±25%
CDEPI115MENP-2R4PC
5.4
10.0
16.3(13.6)
4.3
±25%
CDEPI115MENP-4R3PC
9.0
Saturation Current
(A)
※1
at 20
℃
4.7
22.6(18.8)
5.6
±25%
CDEPI115MENP-5R6PC
Temperature
Rise Current
(A)
※2
D.C.R. (m
Ω)
Max. (Typ.)
at 20
℃
Inductance
( H)
100KHz/1V
Sumida P/N
※1、Saturation Current: This indicates the value of DC current when the inductance decreases to 80% of
its nominal value.
※2、Temperature Rise Current: The actual current when temperature of coil becomes △T=40℃.(Ta=20℃)
California
Chicago
Tel.+1-408-321-9660
FAX. +1-408-321-9308
Tel.+1-847-545-6700
FAX. +1-847-545-6720
Taipei
Shenzhen
Shanghai
Hong Kong
Tel.+60-3-8733-0900
FAX.+60-3-8737-7384
Tel.+65-6296-3388
FAX.+65-6296-3390
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
Tel.+81-3-5202-7112
FAX.+81-3-5202-7105
Malaysia
Singapore
Seoul
Tokyo
For More Information
Tel.+886-2-27065228
FAX.+886-2-27065229
Tel.+86-755-82910228
FAX.+86-755-82910338
Tel.+86-021-58363299
FAX.+86-021-58363266
Tel.+852-2880-6688
FAX.+852-2565-9600



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com