Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6201CS8TRPBF Datasheet(PDF) 13 Page - Linear Technology

Part # LT6201CS8TRPBF
Description  165MHz, Rail-to-Rail Input and Output, 0.95nV/?숰z Low Noise, Op Amp Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6201CS8TRPBF Datasheet(HTML) 13 Page - Linear Technology

Back Button LT6201CS8TRPBF Datasheet HTML 9Page - Linear Technology LT6201CS8TRPBF Datasheet HTML 10Page - Linear Technology LT6201CS8TRPBF Datasheet HTML 11Page - Linear Technology LT6201CS8TRPBF Datasheet HTML 12Page - Linear Technology LT6201CS8TRPBF Datasheet HTML 13Page - Linear Technology LT6201CS8TRPBF Datasheet HTML 14Page - Linear Technology LT6201CS8TRPBF Datasheet HTML 15Page - Linear Technology LT6201CS8TRPBF Datasheet HTML 16Page - Linear Technology LT6201CS8TRPBF Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13
62001fd
LT6200/LT6200-5
LT6200-10/LT6201
TYPICAL PERFORMANCE CHARACTERISTICS
Gain Bandwidth and Phase
Margin vs Temperature
Open-Loop Gain vs Frequency
TEMPERATURE (°C)
–50
100
120
160
180
50
6200 G22
140
40
50
70
60
0
–25
75
100
25
125
VS = ±5V
VS = ±5V
VS = 3V, 0V
VS = 3V, 0V
PHASE MARGIN
GAIN BANDWIDTH
FREQUENCY (Hz)
10
70
80
0
–10
60
30
50
40
20
100k
10M
100M
1G
6200 G23
–20
–20
100
120
–40
–60
80
20
60
40
0
–80
1M
VCM = 0.5V
VCM = 0.5V
VCM = 4.5V
VCM = 4.5V
PHASE
GAIN
VS = 5V, 0V
CL = 5pF
RL = 1k
Gain Bandwidth and Phase
Margin vs Supply Voltage
Open-Loop Gain vs Frequency
FREQUENCY (Hz)
10
70
80
0
–10
60
30
50
40
20
100k
10M
100M
1G
6200 G24
–20
–20
100
120
–40
–60
80
20
60
40
0
–80
1M
VS = ±5V
VS = ±5V
VS = ±1.5V
VS = ±1.5V
PHASE
GAIN
VCM = 0V
CL = 5pF
RL = 1k
TOTAL SUPPLY VOLTAGE (V)
0
140
60
70
80
4
8
10
6200 G25
100
40
180
120
50
80
30
160
2
6
12
14
TA = 25°C
RL = 1k
CL = 5pF
PHASE MARGIN
GAIN BANDWIDTH
LT6200, LT6201
Slew Rate vs Temperature
Common Mode Rejection Ratio
vs Frequency
Output Impedance vs Frequency
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105
0
20
40
60
140
6200 G26
125
80
100
120
AV = –1
RF = RG = 1k
RL = 1k
VS = ±5V RISING
VS = ±2.5V RISING
VS = ±2.5V FALLING
VS = ±5V FALLING
FREQUENCY (MHz)
0.1
1
100
10
0.1
1
10
6200 G27
0.01
1000
100
VS = 5V, 0V
AV = 10
AV = 2
AV = 1
FREQUENCY (Hz)
40
80
120
20
60
100
10k
1M
10M
100M
1G
6200 G28
0
100k
VS = 5V, 0V
VCM = VS/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com