Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH20D14DNP-R72NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDH20D14DNP-R72NC
Description  Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH20D14DNP-R72NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDH20D14DNP-R72NC Datasheet HTML 1Page - Sumida Corporation CDH20D14DNP-R72NC Datasheet HTML 2Page - Sumida Corporation CDH20D14DNP-R72NC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■
■
■
■
Electrical Characteristics specification.
0.48
0.60
0.70
0.85
1.05
1.25
1.55
1.75
Saturation
Current
(A)
※1
0.54
475
±20%
4.7
±20%
CDH20D09DNP-4R7MC
0.41
775
±20%
6.8
±20%
CDH20D09DNP-6R8MC
0.61
305
±20%
3.3
±20%
CDH20D09DNP-3R3MC
0.78
195
±20%
2.2
±20%
CDH20D09DNP-2R2MC
1.02
132
±20%
1.5
±30%
CDH20D09DNP-1R5NC
1.24
85
±20%
1.0
±30%
CDH20D09DNP-1R0NC
1.66
55
±20%
0.6
±30%
CDH20D09DNP-0R6NC
1.95
40
±20%
0.47
±30%
CDH20D09DNP-R47NC
Temperature
Rise Current
(A)
※2
D.C.R.
(m
Ω)
at 20
℃
Inductance
( H)
at 100KHz
Sumida P/N
◆
◆
◆
◆ CDH20D09D
◆
◆
◆
◆ CDH20D11D
0.49
0.84
575
±20%
4.7
±20%
CDH20D11DNP-4R7MC
0.56
0.68
1.00
1.25
1.60
1.90
2.40
2.80
Saturation
Current
(A)
※1
0.38
900
±20%
6.8
±20%
CDH20D11DNP-6R8MC
0.35
1175
±20%
10
±20%
CDH20D11DNP-100MC
0.64
364
±20%
3.3
±20%
CDH20D11DNP-3R3MC
0.80
238
±20%
2.2
±20%
CDH20D11DNP-2R2MC
0.98
150
±20%
1.4
±30%
CDH20D11DNP-1R4NC
1.30
100
±20%
1.0
±30%
CDH20D11DNP-1R0NC
1.55
68
±25%
0.63
±30%
CDH20D11DNP-R63NC
1.86
49
±25%
0.47
±30%
CDH20D11DNP-R47NC
Temperature
Rise Current
(A)
※2
D.C.R.
(m
Ω)
at 20
℃
Inductance
( H)
at 100KHz
Sumida P/N
Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDH20D09D,CDH20D11D,
CDH20D14D



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com