Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT821 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ABT821
Description  10-bit D-type flip-flop; positive-edge trigger; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT821 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ABT821 Datasheet HTML 1Page - NXP Semiconductors 74ABT821 Datasheet HTML 2Page - NXP Semiconductors 74ABT821 Datasheet HTML 3Page - NXP Semiconductors 74ABT821 Datasheet HTML 4Page - NXP Semiconductors 74ABT821 Datasheet HTML 5Page - NXP Semiconductors 74ABT821 Datasheet HTML 6Page - NXP Semiconductors 74ABT821 Datasheet HTML 7Page - NXP Semiconductors 74ABT821 Datasheet HTML 8Page - NXP Semiconductors 74ABT821 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74ABT821_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 25 February 2010
2 of 16
NXP Semiconductors
74ABT821
10-bit D-type flip-flop; positive-edge trigger; 3-state
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
74ABT821D
−40 °C to +85 °C
SO24
plastic small outline package; 24 leads;
body width 7.5 mm
SOT137-1
74ABT821DB
−40 °C to +85 °C
SSOP24
plastic shrink small outline package; 24 leads;
body width 5.3 mm
SOT340-1
74ABT821PW
−40 °C to +85 °C
TSSOP24
plastic thin shrink small outline package; 24 leads;
body width 4.4 mm
SOT355-1
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
001aac734
D0
13
1
CP
OE
D1 D2 D3 D4 D5 D6 D7 D8 D9
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 Q8 Q9
23 22 21 20 19 18 17 16 15 14
23456789
10 11
1
2D
1
EN
13
C2
2
23
322
421
520
619
718
817
916
10
15
11
14
001aac735
Fig 3.
Logic diagram
001aac736
D0
Q0
D
2
23
1
13
CP
CP
OE
Q
D1
Q1
D
3
22
CP Q
D2
Q2
D
4
21
CP Q
D3
Q3
D
5
20
CP Q
D4
Q4
D
6
19
CP Q
D5
Q5
D
7
18
CP Q
D6
Q6
D
8
17
CP Q
D7
Q7
D
9
16
CP Q
D8
Q8
D
10
15
CP Q
D9
Q9
D
11
14
CP Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com