Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4064CX8/LF/P Datasheet(PDF) 4 Page - NXP Semiconductors

Part # IP4064CX8/LF/P
Description  Integrated SIM card passive filter array with ESD protection to IEC 61000-4-2 level 4
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4064CX8/LF/P Datasheet(HTML) 4 Page - NXP Semiconductors

  IP4064CX8/LF/P Datasheet HTML 1Page - NXP Semiconductors IP4064CX8/LF/P Datasheet HTML 2Page - NXP Semiconductors IP4064CX8/LF/P Datasheet HTML 3Page - NXP Semiconductors IP4064CX8/LF/P Datasheet HTML 4Page - NXP Semiconductors IP4064CX8/LF/P Datasheet HTML 5Page - NXP Semiconductors IP4064CX8/LF/P Datasheet HTML 6Page - NXP Semiconductors IP4064CX8/LF/P Datasheet HTML 7Page - NXP Semiconductors IP4064CX8/LF/P Datasheet HTML 8Page - NXP Semiconductors IP4064CX8/LF/P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
IP4064CX8_IP4364CX8_IP4366CX8_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 11 February 2010
4 of 14
NXP Semiconductors
IP4064CX8; IP4364CX8; IP4366CX8
Integrated SIM card passive filter array with ESD protection
6.
Characteristics
[1]
Guaranteed by design.
7.
Application information
7.1 Application diagram
A typical application diagram showing IP4064CX8, IP4364CX8 or IP4366CX8 in a SIM
card interface is depicted in Figure 3. The 2 kV ESD compliant pins (A3, B3 and C3) are
connected to the baseband interface side while the four 15 kV ESD compliant pins (A2,
B1, C1 and C2) are connected to the SIM card.
Table 4.
Electrical characteristics
Tamb = 25 °C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Rs(ch)
channel series resistance R1 and R3
75
100
125
Ω
R2
35.2
47.0
58.8
Ω
Cch
channel capacitance
including diode
capacitance;
Vbias(DC) = 0 V; f = 1 MHz
[1]
IP4064CX8
14
17
20
pF
IP4364CX8
14
17
20
pF
IP4366CX8
8
10
12
pF
VBR
breakdown voltage
Itest = 1 mA
6
-
10
V
ILR
reverse leakage current
VI = 3 V
-
-
50
nA
Fig 3.
Typical application diagram
008aaa211
100
Ω
R1
47
Ω
R2
100
Ω
R3
RST
CLK
I/O
baseband
C2
A2
B1
C1
B2
A3
B3
C3
VSIM
SIM card
AUX2
AUX1
I/O
CLK
SPU
RST
GND
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com