Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4364CX8/LF/P Datasheet(PDF) 1 Page - NXP Semiconductors

Part # IP4364CX8/LF/P
Description  Integrated SIM card passive filter array with ESD protection to IEC 61000-4-2 level 4
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4364CX8/LF/P Datasheet(HTML) 1 Page - NXP Semiconductors

  IP4364CX8/LF/P Datasheet HTML 1Page - NXP Semiconductors IP4364CX8/LF/P Datasheet HTML 2Page - NXP Semiconductors IP4364CX8/LF/P Datasheet HTML 3Page - NXP Semiconductors IP4364CX8/LF/P Datasheet HTML 4Page - NXP Semiconductors IP4364CX8/LF/P Datasheet HTML 5Page - NXP Semiconductors IP4364CX8/LF/P Datasheet HTML 6Page - NXP Semiconductors IP4364CX8/LF/P Datasheet HTML 7Page - NXP Semiconductors IP4364CX8/LF/P Datasheet HTML 8Page - NXP Semiconductors IP4364CX8/LF/P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Product profile
1.1 General description
The IP4064CX8, IP4364CX8 and IP4366CX8 are 3-channel RC low-pass filter arrays
which are designed to provide filtering of undesired RF signals in the 800 MHz to
3000 MHz frequency band. In addition, the IP4064CX8, IP4364CX8 and IP4366CX8
incorporate diodes to provide protection to downstream components from ElectroStatic
Discharge (ESD) voltages as high as
±15 kV contact discharge according the
IEC 61000-4-2 model, far exceeding standard level 4.
All three devices are fabricated using monolithic silicon technology and integrate
three resistors and seven high-level ESD-protection diodes in a single Wafer-Level
Chip-Scale Package (WLCSP). These features make the IP4064CX8, IP4364CX8 and
IP4366CX8 ideal for use in applications requiring the utmost in miniaturization such as
mobile phone handsets, cordless telephones and personal digital devices.
1.2 Features and benefits
Pb-free, RoHS compliant and free of halogen and antimony (Dark Green compliant)
3-channel SIM card interface integrated RC filter array
Integrated 100
Ω/100 Ω/47 Ω series channel resistors
Integrated ESD protection withstanding
±15 kV contact discharge, far exceeding
IEC 61000-4-2 level 4
WLCSP with 0.4 mm pitch (IP4364CX8 and IP4366CX8) and 0.5 mm pitch
(IP4064CX8)
1.3 Applications
SIM interfaces in e.g. cellular and Personal Communication System (PCS) mobile
handsets
IP4064CX8; IP4364CX8;
IP4366CX8
Integrated SIM card passive filter array with ESD protection to
IEC 61000-4-2 level 4
Rev. 02 — 11 February 2010
Product data sheet


Similar Part No. - IP4364CX8/LF/P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4364CX8 NXP-IP4364CX8 Datasheet
84Kb / 13P
Integrated SIM card passive filter array with ESD protection to IEC61000-4-2, level 4
Rev. 01-12 November 2007
More results

Similar Description - IP4364CX8/LF/P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4064CX8LF NXP-IP4064CX8LF Datasheet
84Kb / 13P
Integrated SIM card passive filter array with ESD protection to IEC61000-4-2, level 4
Rev. 01-12 November 2007
IP4253CZ8 NXP-IP4253CZ8 Datasheet
59Kb / 10P
Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
Rev. 02-8 November 2007
IP4041CX25 NXP-IP4041CX25 Datasheet
242Kb / 12P
10-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
IP5306CX8 NXP-IP5306CX8 Datasheet
247Kb / 15P
Integrated differential microphone filter with ESD protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
IP3088CX5 NXP-IP3088CX5 Datasheet
292Kb / 15P
Integrated 2, 4, 6 and 8-channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
IP4251 NXP-IP4251 Datasheet
100Kb / 16P
Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
Rev. 03-6 May 2009
IP4365CX11 NXP-IP4365CX11 Datasheet
244Kb / 12P
Integrated (U)SIM card passive filter array and USB full speed ESD protection to IEC 61000-4-2 level 4
Rev. 01-26 March 2010
IP3047CX6 NXP-IP3047CX6 Datasheet
273Kb / 11P
Integrated dual channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
Rev. 2-23 November 2010
logo
Nexperia B.V. All right...
IP3048CX5 NEXPERIA-IP3048CX5 Datasheet
476Kb / 12P
Integrated dual channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
IP3053CX5 NEXPERIA-IP3053CX5 Datasheet
609Kb / 16P
Integrated 2, 4, 6 and 8-channel passive EMI-filter network with high-level ESD protection to IEC 61000-4-2 level 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com