Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM5H14F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SSM5H14F
Description  Silicon N Channel MOS Type (U-MOS??/Silicon Epitaxial Schottky Barrier Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM5H14F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SSM5H14F Datasheet HTML 1Page - Toshiba Semiconductor SSM5H14F Datasheet HTML 2Page - Toshiba Semiconductor SSM5H14F Datasheet HTML 3Page - Toshiba Semiconductor SSM5H14F Datasheet HTML 4Page - Toshiba Semiconductor SSM5H14F Datasheet HTML 5Page - Toshiba Semiconductor SSM5H14F Datasheet HTML 6Page - Toshiba Semiconductor SSM5H14F Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SSM5H14F
2009-05-15
2
MOSFET
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Conditions
Min
Typ.
Max
Unit
V (BR) DSS
ID = 1 mA, VGS = 0 V
30
⎯
⎯
Drain-Source breakdown voltage
V (BR) DSX
ID = 1 mA, VGS = -12 V
18
⎯
⎯
V
Drain cut-off current
IDSS
VDS =30 V, VGS = 0 V
⎯
⎯
1
μA
Gate leakage current
IGSS
VGS = ±12 V, VDS = 0 V
⎯
⎯
±1
μA
Gate threshold voltage
Vth
VDS = 3 V, ID = 1 mA
0.4
⎯
1.0
V
Forward transfer admittance
|Yfs|
VDS = 3 V, ID = 2.0 A
(Note2)
3.8
7.7
⎯
S
ID = 2.0 A, VGS = 4.0 V
(Note2)
⎯
59
78
ID = 1.0 A, VGS = 2.5 V
(Note2)
⎯
71
94
Drain–source ON-resistance
RDS (ON)
ID = 0.5 A, VGS = 1.8 V
(Note2)
⎯
88
138
m
Ω
Input capacitance
Ciss
⎯
270
⎯
Output capacitance
Coss
⎯
56
⎯
Reverse transfer capacitance
Crss
VDS = 10 V, VGS = 0 V, f = 1 MHz
⎯
47
⎯
pF
Total Gate Charge
Qg
⎯
4.3
⎯
Gate-Source Charge
Qgs
⎯
2.8
⎯
Gate-Drain Charge
Qgd
VDD = 15 V, ID= 3.0 A
VGS = 4 V
⎯
1.5
⎯
nC
Turn-on time
ton
⎯
20
⎯
Switching time
Turn-off time
toff
VDD = 10 V, ID = 2 A
VGS = 0 to 2.5 V, RG = 4.7 Ω
⎯
31
⎯
ns
Drain-Source forward voltage
VDSF
ID = -3.0 A, VGS = 0 V
(Note2)
⎯
–0.85
–1.2
V
Note 2: Pulse test
Switching Time Test Circuit
Precaution
Vth can be expressed as voltage between gate and source when the low operating current value is ID = 1 mA for
this product. For normal switching operation, VGS (on) requires a higher voltage than Vth and VGS (off) requires a
lower voltage than Vth.
(The relationship can be established as follows: VGS (off) < Vth < VGS (on))
Be sure to take this into consideration when using the device.
(b) VIN
(c) VOUT
2.5 V
ton
toff
0 V
VDD
VDS (ON)
tr
tf
10%
90%
90%
10%
(a) Test Circuit
VDD = 10 V
RG = 4.7 Ω
D.U.
≤ 1%
VIN: tr, tf < 5 ns
Common Source
Ta
= 25°C
0
2.5 V
IN
OUT
VDD
10
μs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com