Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR14X Datasheet(PDF) 1 Page - Dubilier

Part # LR14X
Description  BATTERIES ALKALINE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

LR14X Datasheet(HTML) 1 Page - Dubilier

  LR14X Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
167
ORDERING INFORMATION
Ordering Code
Voltage (V)
Can Size
Dimensions (mm)
LR20X
1.5
D
ø34.2xH61.5
LR14X
1.5
C
ø26.2xH50
LR6X
1.5
AA
ø14.5xH50.5
LR03XX
1.5
AAA
ø10.5xH44.5
6LR61X
9
PP3
L26.5xW17.5xH48.5
BATTERIES
ALKALINE
Mercury free
Extended operation life
Suitable for use in digital metres, calculators, torches and security
equipment
Higher capacity than zinc chloride batteries
Suitable for applications where high intermittent currents are required.
BATTERIES
NICKEL METAL HYDRIDE NIMH
ORDERING INFORMATION
Rechargeable
Custom battery packs available
5 can sizes
Suitable for use in camera, instruments or memory backup
Ideal for security applications
Ordering
Code
Size
Nominal
Voltage (V)
Capacity
Dimensions
Standard Charge
Weight (g)
0.2C disc
Dia
Height
Current
Time
(mAh)
(mm)
(mm)
(mA)
(hour)
AAA600
AAA
1.2
600
10.1+/-0.1
44.2+/-0.3
60
15
13
AAA650
AAA
1.2
650
10.1+/-0.1
44.2+/-0.3
65
15
13.5
AAA700
AAA
1.2
700
10.1+/-0.1
44.2+/-0.3
70
15
14
AAA800
AAA
1.2
800
10.1+/-0.1
44.2+/-0.3
80
15
14.5
AAA900
AAA
1.2
900
10.1+/-0.1
44.2+/-0.3
90
15
15
AA600
AA
1.2
600
14.1+/-0.1
49.7+/-0.3
60
15
15
AA800
AA
1.2
800
14.1+/-0.1
49.7+/-0.3
80
15
21
AA1000
AA
1.2
1000
14.1+/-0.1
49.7+/-0.3
100
15
24
AA1200
AA
1.2
1200
14.1+/-0.1
49.7+/-0.3
120
15
25
AA1300
AA
1.2
1300
14.1+/-0.1
49.7+/-0.3
130
15
25.5
AA1500
AA
1.2
1500
14.1+/-0.1
49.7+/-0.3
150
15
26.5
AA1600
AA
1.2
1600
14.1+/-0.1
49.7+/-0.3
160
15
27
AA1800
AA
1.2
1800
14.1+/-0.1
50.2+/-0.3
180
15
28
AA2000
AA
1.2
2000
14.1+/-0.1
50.2+/-0.3
200
15
28.5
AA2200
AA
1.2
2200
14.1+/-0.1
50.2+/-0.3
220
15
28.5
AA2300
AA
1.2
2300
14.1+/-0.1
50.2+/-0.3
230
15
29
AA2500
AA
1.2
2400
14.1+/-0.1
50.2+/-0.3
240
15
29
C2400
C
1.2
2400
24.9+/-0.1
49.7+/-0.3
240
15
70
C3300
C
1.2
3300
24.9+/-0.1
49.7+/-0.3
330
15
78
C3700
C
1.2
3700
24.9+/-0.1
49.7+/-0.3
370
15
83
C4000
C
1.2
4000
24.9+/-0.1
49.7+/-0.3
400
15
85
C4500
C
1.2
4500
24.9+/-0.1
49.7+/-0.3
450
15
88.5
D2400
D
1.2
2400
32.2+/-0.1
60.5+/-0.5
240
15
98
D2800
D
1.2
2800
32.2+/-0.1
60.5+/-0.5
280
15
98
D5000
D
1.2
5000
32.2+/-0.1
60.5+/-0.5
500
15
120
D8000
D
1.2
8000
32.2+/-0.1
60.5+/-0.5
800
15
156
D9000
D
1.2
9000
32.2+/-0.1
60.5+/-0.5
900
15
161
9V160
9V
8.4
160
25.6x16.5x48
16
15
45
9V200
9V
8.4
200
25.6x16.5x48
20
15
54
AA, AAA and PP3 Battery Chargers available for NiMH batteries available on request
Custom made battery packs available on request.
RO
DUC
NEW


Similar Part No. - LR14X

ManufacturerPart #DatasheetDescription
logo
Dubilier
LR14X DUBILIER-LR14X Datasheet
95Kb / 1P
ALKALINE
logo
Panasonic Battery Group
LR14XWA/C PANASONICBATTERY-LR14XWA/C Datasheet
1Mb / 1P
Industrial Alkaline Contractor Packs
More results

Similar Description - LR14X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX1300 ETC-MX1300 Datasheet
92Kb / 2P
ALKALINE MANGANESE DIOXIDE BATTERY
logo
ON Semiconductor
NCP5030 ONSEMI-NCP5030 Datasheet
128Kb / 14P
Buck?묪oost Converter to Drive a Single LED from Li?묲on or 3 Alkaline Batteries
December, 2006 ??Rev. 0
logo
List of Unclassifed Man...
MN9100 ETC2-MN9100 Datasheet
84Kb / 2P
Alkaline Manganese Dioxide Battery
logo
Dubilier
AAA600 DUBILIER-AAA600 Datasheet
95Kb / 1P
ALKALINE
logo
ON Semiconductor
NCP5030MTTXGEVB ONSEMI-NCP5030MTTXGEVB Datasheet
192Kb / 14P
Buck-Boost Converter to Drive a Single LED from 1 Li-Ion or 3 Alkaline Batteries
January, 2010 ??Rev. 2
logo
List of Unclassifed Man...
MN1400 ETC2-MN1400 Datasheet
275Kb / 5P
Alkaline-Manganese Dioxide Battery
AL-AA ETC2-AL-AA Datasheet
233Kb / 16P
Primary Batteries Alkaline, Heavy Duty
logo
Ultralife Corporation.
U9VL-J-P ULTRALIFE-U9VL-J-P Datasheet
572Kb / 2P
Alkaline 9V replacement
Rev: P
logo
Duracell
LR43 DURACELL-LR43 Datasheet
176Kb / 1P
Alkaline Manganese Dioxide Battery
logo
Murata Manufacturing Co...
LR1130 MURATA1-LR1130 Datasheet
472Kb / 2P
Alkaline manganese batteries
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com