Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLWD1060 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLWD1060
Description  LED Lamp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLWD1060 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLWD1060 Datasheet HTML 1Page - Toshiba Semiconductor TLWD1060 Datasheet HTML 2Page - Toshiba Semiconductor TLWD1060 Datasheet HTML 3Page - Toshiba Semiconductor TLWD1060 Datasheet HTML 4Page - Toshiba Semiconductor TLWD1060 Datasheet HTML 5Page - Toshiba Semiconductor TLWD1060 Datasheet HTML 6Page - Toshiba Semiconductor TLWD1060 Datasheet HTML 7Page - Toshiba Semiconductor TLWD1060 Datasheet HTML 8Page - Toshiba Semiconductor TLWD1060 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TLWD1060(T18)
2009-05-19
2
Electrical Characteristics (Ta = 25°C)
Forward Voltage VF
Reverse Current IR
Product Name
Min
Typ.
Max
IF
Max
VR
TLWD1060
2.5
3.0
3.8
10
10
4
Unit
V
mA
μA
V
Optical Characteristics (Ta = 25°C)
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Cx
IF = 10 mA
(
Note 2)
⎯
Chromaticity coordinate
Cy
IF = 10 mA
(
Note 2)
⎯
Luminous intensity
IV
IF = 10 mA (Note 3)
40
90
200
mcd
Note 2: The product is tested at the following chromaticity coordinate groups.
Test conditions: IF=10mA, Ta=25°C
Accuracy: +/-0.01
0.20
0.21
0.22
0.23
0.24
0.25
0.26
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.25 0.26 0.27 0.28 0.29 0.30 0.31 0.32 0.33 0.34 0.35 0.36 0.37
Cx
7L
7K
8L
6L
4L
5L
3L
3K
4K
5K
6K
8K
(CIE1931)
Cx
Cy
Cx
Cy
Cx
Cy
0.273 0.227
0.296 0.259
0.330 0.310
0.266 0.232
0.291 0.268
0.330 0.330
0.280 0.252
0.310 0.297
0.338 0.342
0.286 0.244
0.313 0.284
0.352 0.344
0.266 0.232
0.291 0.268
0.330 0.330
0.258 0.239
0.285 0.279
0.330 0.347
0.273 0.261
0.307 0.312
0.347 0.371
0.280 0.252
0.310 0.297
0.345 0.352
0.286 0.244
0.313 0.284
0.352 0.344
0.280 0.252
0.310 0.297
0.338 0.342
0.291 0.268
0.330 0.330
0.364 0.380
0.296 0.259
0.330 0.310
0.360 0.357
0.280 0.252
0.310 0.297
0.345 0.352
0.273 0.261
0.307 0.312
0.347 0.371
0.285 0.279
0.330 0.347
0.367 0.401
0.291 0.268
0.330 0.330
0.364 0.380
3K
3L
4K
4L
5K
7K
5L
7L
6K
8K
6L
8L



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com